Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 37Page - NXP Semiconductors FS5502 Datasheet HTML 38Page - NXP Semiconductors FS5502 Datasheet HTML 39Page - NXP Semiconductors FS5502 Datasheet HTML 40Page - NXP Semiconductors FS5502 Datasheet HTML 41Page - NXP Semiconductors FS5502 Datasheet HTML 42Page - NXP Semiconductors FS5502 Datasheet HTML 43Page - NXP Semiconductors FS5502 Datasheet HTML 44Page - NXP Semiconductors FS5502 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Name
Address
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
OTP_CFG_UVOV_1
0A
VCORE_V[7:0]
OTP_CFG_UVOV_2
0B
VDDIOOVTH[3:0]
VCOREOVTH[3:0]
OTP_CFG_UVOV_3
0C
0
0
VDDIO_V
VCORE_SVS_CLAMP[4:0]
OTP_CFG_UVOV_4
0D
0
0
0
0
VMON1OVTH[3:0]
OTP_CFG_UVOV_5
0E
0
0
0
0
0
0
0
0
OTP_CFG_UVOV_6
0F
VDDIOUVTH[3:0]
VCOREUVTH[3:0]
OTP_CFG_UVOV_7
10
0
0
0
0
VMON1UVTH[3:0]
OTP_CFG_UVOV_8
11
0
0
0
0
0
0
0
0
OTP_CFG_PGOOD
12
0
PGOOD_
RSTB
0
0
0
PGOOD_
VMON1
PGOOD_
VDDIO
PGOOD_
VCORE
OTP_CFG_ABIST1
13
0
0
0
0
0
0
0
0
OTP_CFG_ASIL
14
1
0
0
0
0
0
0
VMON1_EN
OTP_CFG_I2C
15
0
0
0
0
FS_I2CDEVADDR[3:0]
OTP_CFG_DGLT_DUR_1
16
0
0
VCORE_UV_DGLT[1:0]
VCORE_
OV_DGLT
VDDIO_UV_DGLT[1:0]
VDDIO_
OV_DGLT
OTP_CFG_DGLT_DUR_2
17
0
0
0
0
0
VMON1_UV_DGLT[1:0]
VMON1_
OV_DGLT
Table 58. Fail-safe OTP_REGISTERS
12.2 Main OTP bit description
Address
Register
Bit
Symbol
Value
Description
VPRE output voltage
01 0111
4.1 V
14
OTP_CFG_VPRE_1
5 to 0
VPREV[5:0]
10 0000
5.0 V
VPRE slope compensation
00 0100
40 mV/µs
00 0101
50 mV/µs
00 0110
60 mV/μs
00 0111
70 mV/μs
00 1000
80 mV/µs
00 1001
90 mV/µs
00 1010
100 mV/μs
00 1110
140 mV/μs
01 0001
170 mV/μs
01 0100
200 mV/μs
15
OTP_CFG_VPRE_2
5 to 0
VPRESC[5:0]
01 1000
240 mV/μs
VPRE current limitation threshold
00
50 mV
01
80 mV
10
120 mV
7 to 6
VPREILIM[1:0]
11
150 mV
VPRE low-side slew rate control
3 to 2
VPRESRLS[1:0]
11
PU/PD/900 mA
VPRE high-side slew rate control
00
PU/PD/130 mA
01
PU/PD/260 mA
10
PU/PD/520 mA
16
OTP_CFG_VPRE_3
1 to 0
VPRESRHS[1:0]
11
PU/PD/900 mA
Table 59. Main OTP bit description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
41 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com