Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 62Page - NXP Semiconductors FS5502 Datasheet HTML 63Page - NXP Semiconductors FS5502 Datasheet HTML 64Page - NXP Semiconductors FS5502 Datasheet HTML 65Page - NXP Semiconductors FS5502 Datasheet HTML 66Page - NXP Semiconductors FS5502 Datasheet HTML 67Page - NXP Semiconductors FS5502 Datasheet HTML 68Page - NXP Semiconductors FS5502 Datasheet HTML 69Page - NXP Semiconductors FS5502 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
16.2 Application schematic
INTERNAL
COMPENSATION
aaa-033202
DRIVER
BUCK3_SW
BUCK3_FB
EPAD
BUCK3_IN
BUCK3_INQ
COUT_BUCK3
CIN_BUCK3
LBUCK3
VPRE
VBUCK3
CONTROLLER
BUCK3
Figure 18. BUCK3 schematic
16.3 Compensation network and stability
The internal compensation network ensures the stability and the transient response
performance of the buck converter. OTP_VB3INDOPT[1:0] scales the slope
compensation and the zero cross detection according to inductor value. 1.0 μH is the
recommended inductor value for BUCK3.
Use case with VPRE = 4.1 V, VBUCK3 = 2.3 V, LVBUCK3 = 1.0 μH, VBUCK3_SW =
2.22 MHz, COUT_BUCK3 = 44 μF
Use case stability verification
• Phase margin target PM > 45° and gain margin target GM > 6 dB.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
66 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com