Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 33Page - NXP Semiconductors FS5502 Datasheet HTML 34Page - NXP Semiconductors FS5502 Datasheet HTML 35Page - NXP Semiconductors FS5502 Datasheet HTML 36Page - NXP Semiconductors FS5502 Datasheet HTML 37Page - NXP Semiconductors FS5502 Datasheet HTML 38Page - NXP Semiconductors FS5502 Datasheet HTML 39Page - NXP Semiconductors FS5502 Datasheet HTML 40Page - NXP Semiconductors FS5502 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
Symbol
Description
Report a RSTB event
0
No RESET
1
RESET occurred
17
RSTB_EVENT
Reset condition: POR / clear on write (write 1)
Report a RSTB short to high
0
No failure
1
Short circuit high
16
RSTB_DIAG
Reset condition: POR / clear on write (write 1)
Request assertion of RSTB (Pulse)
0
No assertion
1
RSTB assertion (pulse)
15
RSTB_REQ
Reset condition: POR
Table 50. FS_SAFE_IOS register bit description...continued
11.10 FS_DIAG register
Bit
23
22
21
20
19
18
17
16
Write
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 51. FS_DIAG register bit allocation
Bit
15
14
13
12
11
10
9
8
Write
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED I2C_FS_CRC I2C_FS_REQ RESERVED
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED I2C_FS_CRC I2C_FS_REQ RESERVED
Reset
1
0
0
0
0
0
0
1
Bit
Symbol
Description
Fail-safe I2C communication CRC issue
0
No error
1
Error detected in the CRC
10
I2C_FS_CRC
Reset condition: POR / clear on write (write 1)
Invalid fail-safe I2C access (wrong write or read, write to INIT registers in normal mode, wrong
address)
0
No error
1
I2C violation
9
I2C_FS_REQ
Reset condition: POR / clear on write (write 1)
Table 52. FS_DIAG register bit description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
37 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com