Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 54Page - NXP Semiconductors FS5502 Datasheet HTML 55Page - NXP Semiconductors FS5502 Datasheet HTML 56Page - NXP Semiconductors FS5502 Datasheet HTML 57Page - NXP Semiconductors FS5502 Datasheet HTML 58Page - NXP Semiconductors FS5502 Datasheet HTML 59Page - NXP Semiconductors FS5502 Datasheet HTML 60Page - NXP Semiconductors FS5502 Datasheet HTML 61Page - NXP Semiconductors FS5502 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
29
40
51
mV/μs
36
50
64
mV/μs
43
60
77
mV/μs
51
70
89
mV/us
58
80
102
mV/μs
65
90
115
mV/μs
73
100
127
mV/μs
102
140
178
mV/μs
124
170
216
mV/μs
146
200
254
mV/μs
VPRE_SLOPE
Slope compensation (OTP_VPRESC[5:0] bits)
175
240
305
mV/μs
TPRE_UV_DFS
VPRE_UVL filtering time to go to DEEP-FS during VPRE start up
1.8
2
2.2
ms
TPRE_DT
Dead time to avoid cross conduction (this timing does not take into
account the external FET turn ON/OFF times)
20
30
40
ns
RPRE_DIS
Discharge resistor (when VPRE is disabled)
250
500
1000
Ω
IPRE_SW_LKG
PRE_SW leakage
—
—
10
µA
RDRV_OFF
HS and LS gate driver pull-down resistor when VPRE is disabled
5
—
35
kΩ
RBOOT_OFF
PRE_BOOT pull-down resistor when VPRE is disabled
1.2
—
2.6
kΩ
IBOOT_LKG
PRE_BOOT leakage
—
—
10
µA
Table 62. VPRE electrical characteristics...continued
14.5 VPRE external MOSFETs
MOSFETs selection:
• Logical level NMOS, gate drive comes from VBOS (5.0 V)
• VDS > 60 V for 24 V truck, bus applications
• VDS > 40 V for 12 V automotive applications
• Qg < 15 nC at Vgs = 5.0 V is recommended for 455 kHz
• Qg < 7 nC at Vgs = 5.0 V is recommended for 2.22 MHz
• Recommended references
Applications
Fpre
Ipre < 2.0 A
Ipre < 4.0 A
Ipre < 6.0 A
Ipre < 10 A
455 kHz
BUK9K25-40E,
BUK9K18-40E
BUK9K25-40E,
BUK9K18-40E
BUK9K18-40E
BUK9K18-40E,
NVTFS5C471NLWFTAG,
HS = BUK9M9R5-40H,
LS = BUK9M3R3-40H
12 V
2.22 MHz
BUK9K25-40E,
BUK9Y29-40E
BUK9K25-40E,
BUK9Y29-40E
BUK9K25-40E,
BUK9Y29-40E
na
24 V
455 kHz
BUK9K35-60E,
BUK9K52-60E
BUK9K35-60E,
BUK9K52-60E
BUK9K35-60E
BUK9K12-60E
Table 63. VPRE external MOSFETs recommendation
Other MOSFETs are possible but should have similar performances as compared to the
recommended references. The maximum current at 2.22 MHz is limited to 6.0 A for which
the efficiency is equivalent to 10 A at 455 kHz. The power dissipation in the external
MOSFETs is important and the junction temperature may rise above 175
℃.
VPRE switching slew rate can be configured by I2C to align with external MOSFET
selection, VPRE switching frequency, and to optimize power dissipation and EMC
performance. It is recommended to configure the maximum slew rate by OTP and reduce
it later by I2C if needed. FS5502 is using current source to drive the external MOSFET
so adding an external serial resistor with the gate does not affect the slew rate. It is
recommended to change the current source selection by I2C to change the slew rate.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
58 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com