Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 39Page - NXP Semiconductors FS5502 Datasheet HTML 40Page - NXP Semiconductors FS5502 Datasheet HTML 41Page - NXP Semiconductors FS5502 Datasheet HTML 42Page - NXP Semiconductors FS5502 Datasheet HTML 43Page - NXP Semiconductors FS5502 Datasheet HTML 44Page - NXP Semiconductors FS5502 Datasheet HTML 45Page - NXP Semiconductors FS5502 Datasheet HTML 46Page - NXP Semiconductors FS5502 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Address
Register
Bit
Symbol
Value
Description
BUCK1 compensation network
001
16.25 GM
010
32.5 GM
011
48.75 GM
100
65 GM
101
81.25 GM
4 to 2
VB1GMCOMP[2:0]
110
97.5 GM
BUCK3 current limitation
01
2.6 A
1F
OTP_CFG_BUCK3_2
1 to 0
VB3SWILIM[1:0]
11
4.5 A
VLDO1 current limitation
0
400 mA
3
LDO1ILIM
1
150 mA
VLDO1 output voltage
000
1.1 V
001
1.2 V
010
1.6 V
011
1.8 V
100
2.5 V
101
2.8 V
110
3.3 V
20
OTP_CFG_LDO
2 to 0
LDO1V[2:0]
111
5.0 V
BUCK1 sequencing slot
000
Regulator start and stop in Slot 0
001
Regulator start and stop in Slot 1
010
Regulator start and stop in Slot 2
011
Regulator start and stop in Slot 3
100
Regulator start and stop in Slot 4
101
Regulator start and stop in Slot 5
110
Regulator start and stop in Slot 6
21
OTP_CFG_SEQ_1
2 to 0
VB1S[2:0]
111
Regulator does not start (enabled
by I2C)
LDO1 sequencing slot
000
Regulator start and stop in Slot 0
001
Regulator start and stop in Slot 1
010
Regulator start and stop in Slot 2
011
Regulator start and stop in Slot 3
100
Regulator start and stop in Slot 4
101
Regulator start and stop in Slot 5
110
Regulator start and stop in Slot 6
22
OTP_CFG_SEQ_2
2 to 0
LDO1S[2:0]
111
Regulator does not start (enabled
by I2C)
BUCK1 soft start/stop
configurability
00
7.81 mV/µs
23
OTP_CFG_SEQ_3
7 to 6
DVS_BUCK1[1:0]
01
3.13 mV/µs
Table 59. Main OTP bit description...continued
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
43 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com