Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors FS5502 Datasheet HTML 87Page - NXP Semiconductors FS5502 Datasheet HTML 88Page - NXP Semiconductors FS5502 Datasheet HTML 89Page - NXP Semiconductors FS5502 Datasheet HTML 90Page - NXP Semiconductors FS5502 Datasheet HTML 91Page - NXP Semiconductors FS5502 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
aaa-033209
OV
UV
TCOREMON_OV
VBUCK1 =
VCOREMON
= 0.75 V
VBUCK1 =
VCOREMON
= 0.8 V
I2C
FS_I_NOT_SVS
I2C
FS_I_SVS
VBUCK12_SVS
Figure 32. SVS principle
27.2.3 VDDIO monitoring
VDDIO input pin can be connected to VPRE, LDO1, BUCK3 or an external regulator.
The regulator connected to VDDIO must be at 3.3 V or 5.0 V to be compatible with
overvoltage and undervoltage monitoring thresholds. In order to turn OFF the regulator
in case of overvoltage detection, the configuration of which regulator is connected to
VDDIO is done with OTP_VDDIO_REG_ASSIGN[2:0] bits. If an external regulator (not
delivered by the FS5502) is connected to VDDIO, this regulator cannot be turned OFF,
but the overvoltage flag is reported to the MCU, which can take appropriate action. In all
cases, the reaction on RSTB is configured with VDDIO_OV/UV_FS_IMPACT[1:0] bits.
aaa-031023
UV
bandgap_FS
OTP_VDDIOOVTH[3:0]
OTP_VDDIOUVTH[3:0]
OTP_VDDIO_V
VDDIO
OV
Figure 33. VDDIO monitoring principle
When overvoltage or undervoltage fault is detected, the fail-safe reaction on RSTB is
configurable with the VDDIO_OV/UV_IMPACT[1:0] bits during the INIT_FS phase.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
88 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com