Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 57Page - NXP Semiconductors FS5502 Datasheet HTML 58Page - NXP Semiconductors FS5502 Datasheet HTML 59Page - NXP Semiconductors FS5502 Datasheet HTML 60Page - NXP Semiconductors FS5502 Datasheet HTML 61Page - NXP Semiconductors FS5502 Datasheet HTML 62Page - NXP Semiconductors FS5502 Datasheet HTML 63Page - NXP Semiconductors FS5502 Datasheet HTML 64Page - NXP Semiconductors FS5502 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
INTERNAL
COMPENSATION
aaa-033201
DRIVER
BUCK1_SW
BUCK1_FB
EPAD
BUCK1_IN
COUT_BUCK1
CIN_BUCK1
LBUCK1
VPRE
VBUCK1
CONTROLLER
BUCK1
Figure 14. BUCK1 standalone schematic
15.3 Compensation network and stability
The internal compensation network ensures the stability and the transient response
performance of the buck converter. The error amplifier gain is configurable with
OTP_VB1GMCOMP[2:0] bits for BUCK 1 regulator. It is recommended to use the default
value that covers most of the use cases.
Decreasing the gain reduces the regulation bandwidth and increase the phase and
gain margin but transient performance is degraded. Increasing the gain enlarges the
regulation bandwidth and improves the transient performance but the phase and gain
margin is degraded.
OTP_VB1INDOPT[1:0] scales the slope compensation and the zero cross detection
according to the inductor value. 1.0 μH is the recommended inductor value for BUCK1.
Use case with VPRE = 4.1 V, VBUCK1 = 1.0 V, LVBUCK1 = 1.0 μH, VBUCK1_SW =
2.22 MHz, COUT_BUCK1 = 44 μF, default Err Amp gain
Use case stability verification
• Phase margin target PM > 45° and gain margin target GM > 6 dB.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
61 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com