Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 89Page - NXP Semiconductors FS5502 Datasheet HTML 90Page - NXP Semiconductors FS5502 Datasheet HTML 91Page - NXP Semiconductors FS5502 Datasheet HTML 92Page - NXP Semiconductors FS5502 Datasheet HTML 93Page - NXP Semiconductors FS5502 Datasheet HTML 94Page - NXP Semiconductors FS5502 Datasheet HTML 95Page - NXP Semiconductors FS5502 Datasheet HTML 96Page - NXP Semiconductors FS5502 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
PGOODVIL
Low level input voltage threshold
1.0
—
—
V
PGOODVIH
High level input voltage threshold
—
—
2.0
V
PGOODHYST
Input voltage hysteresis
100
—
—
mV
PGOODVOL
Low level output voltage (I = 2.0 mA)
—
—
0.5
V
PGOODRPD
Internal pull-down resistor
200
400
800
kΩ
PGOODILIM
Current limitation
4.0
—
20
mA
PGOODTFB
Feedback filtering time
8.0
—
15
μs
Table 90. PGOOD electrical characteristics
27.4.2 RSTB
RSTB is an open-drain output that can be connected in the application to the RESET of
the MCU. RSTB requires an external pull-up resistor to VDDIO and a filtering capacitor
to GND for immunity. An internal pull-down RPD ensure RSTB low level in Standby and
Power down mode. RSTB assertion depends on the device configuration during INIT_FS
phase. An internal pull up on the gate of the low-side MOS ensures RSTB low level in
case of FS_LOGIC failure. When RSTB is stuck low for more than RSTBT8S, the device
transitions in DEEP-FS mode.
aaa-031029
FS_LOGIC
VSUP
RSTB
to MCU reset
VDDIO
RPD
5.1 kΩ
1 nF
Figure 36. RSTB pin implementation
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
93 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com