Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 50Page - NXP Semiconductors FS5502 Datasheet HTML 51Page - NXP Semiconductors FS5502 Datasheet HTML 52Page - NXP Semiconductors FS5502 Datasheet HTML 53Page - NXP Semiconductors FS5502 Datasheet HTML 54Page - NXP Semiconductors FS5502 Datasheet HTML 55Page - NXP Semiconductors FS5502 Datasheet HTML 56Page - NXP Semiconductors FS5502 Datasheet HTML 57Page - NXP Semiconductors FS5502 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
aaa-030989
PRE_COMP
Vref
gmEA
frequency
Gain
gmEA x Rcomp
Fz = 1 /
(Rcomp x Ccomp)
Fpo = 1 /
(Ro x Ccomp)
Fp = 1 /
(Rcomp x Chf)
Fbw = Fsw /10
RCOMP CCOMP
CHF
PRE_FB
Figure 9. Type 2 compensation network concept
Calculation guideline
• System bandwidth for VPRE = 455 kHz: Fbw = FPRE_SW / 10
System bandwidth for VPRE = 2.22 MHz: Fbw = FPRE_SW / 15
• Compensation zero: Fz = Fbw / 10
• Compensation pole for VPRE = 455 kHz: Fp = FPRE_SW / 2
• Compensation pole for VPRE = 2.22 MHz: Fp = FPRE_SW / 4
• FGBW = 1 / (2π x RSHUNT x VPRE_LIM_GAIN x COUT_PRE)
• Error amplifier gain: EA_gain = (VREF / VPRE) x gmEAPRE x RCOMP = 10 ^ LOG (FBW /
FGBW)
• VREF = 1.0 V, RCOMP = VPRE x (EA_gain / gmEAPRE)
• CCOMP = 1 / (2π x Fz x RCOMP)
• CHF = 1 / (2π x Fp x RCOMP)
• Slope compensation: Se > (VPRE / LVPRE) x RSHUNT x VPRE_LIM_GAIN
The compensation network can be automatically calculated in the
FS5502_OTP_Config.xlsm file which is using the same formulas. A Simplis simulation is
recommended to verify the Phase and Gain Margin with normalized components.
Use case calculation with VPRE = 4.1 V, LVPRE = 6.8 μH, FPRE_SW = 455 kHz,
COUT_PRE = 66 μF, RSHUNT = 10.0 mΩ
• System bandwidth: Fbw = 45 kHz
• Compensation zero: Fz = 4.5 kHz
• Compensation pole: Fp = 227.5 kHz
• FGBW = 53 kHz
• Error amplifier gain: EA_gain = 10 ^ LOG (FBW / FGBW) = 0.86
• RCOMP = 2.34 kΩ = 2.2 kΩ
• CCOMP = 15.9 nF = 16 nF
• CHF = 318 pF = 330 pF
• Slope compensation: Se > 30 mV/μs
Use case stability verification
• Phase margin target PM > 45° and gain margin target GM > 6 dB.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
54 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com