Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 22Page - NXP Semiconductors FS5502 Datasheet HTML 23Page - NXP Semiconductors FS5502 Datasheet HTML 24Page - NXP Semiconductors FS5502 Datasheet HTML 25Page - NXP Semiconductors FS5502 Datasheet HTML 26Page - NXP Semiconductors FS5502 Datasheet HTML 27Page - NXP Semiconductors FS5502 Datasheet HTML 28Page - NXP Semiconductors FS5502 Datasheet HTML 29Page - NXP Semiconductors FS5502 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
Symbol
Description
Report event: WAKE1 real time state
0
WAKE1 is low level
1
WAKE1 is high
10
WK1RT
Reset condition: Real time information
WAKE2 wake up source flag
0
No event
1
Event occurred
9
WK2FLG
Reset condition: POR / Clear on Write (write 1)
WAKE1 wake up source flag
0
No event
1
Event occurred
8
WK1FLG
Reset condition: POR / Clear on Write (write 1)
Table 24. M_FLAG2 register bit description...continued
10.12 M_VMON_REGx register
Bit
23
22
21
20
19
18
17
16
Write
0
0
0
0
0
0
0
0
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 25. M_VMON_REGx register bit allocation
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
VMON1_REG[2:0]
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
VMON1_REG[2:0]
Reset
0
0
0
0
0
0
0
0
Bit
Symbol
Description
Regulator assignment to VMON1
000
External regulator
001
VPRE
010
LDO1
011
RESERVED
100
RESERVED
101
BUCK3
11x
External regulator
10 to 8
VMON1_REG[2:0]
Reset condition: POR
Table 26. M_VMON_REGx register bit description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
26 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com