Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 23Page - NXP Semiconductors FS5502 Datasheet HTML 24Page - NXP Semiconductors FS5502 Datasheet HTML 25Page - NXP Semiconductors FS5502 Datasheet HTML 26Page - NXP Semiconductors FS5502 Datasheet HTML 27Page - NXP Semiconductors FS5502 Datasheet HTML 28Page - NXP Semiconductors FS5502 Datasheet HTML 29Page - NXP Semiconductors FS5502 Datasheet HTML 30Page - NXP Semiconductors FS5502 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
10.13 M_LVB1_SVS register
Bit
23
22
21
20
19
18
17
16
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 27. M_LVB1_SVS register bit allocation
Bit
15
14
13
12
11
10
9
8
Read
RESERVED
RESERVED
RESERVED
LVB1_SVS[4:0]
Reset
0
0
0
0
0
0
0
0
Bit
Symbol
Description
Static voltage scaling negative offset
00000 0 mV
00001 −6.25 mV
00010 −12.50 mV
00011 −18.75 mV
00100 −25 mV
00101 −31.25 mV
00110 −37.5 mV
00111 −43.75 mV
01000 −50 mV
01001 −56.25 mV
01010 −62.5 mV
01011 −68.75 mV
01100 −75 mV
01101 −81.25 mV
01110 −87.5 mV
01111 −93.75 mV
10000 −100 mV
12 to 8
LVB1_SVS[4:0]
Reset condition: POR
Table 28. M_LVB1_SVS register bit description
10.14 M_MEMORY0 register
Bit
23
22
21
20
19
18
17
16
Write
MEMORY0[15:8]
Read
MEMORY0[15:8]
Reset
0
0
0
0
0
0
0
0
Table 29. M_MEMORY0 register bit allocation
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
27 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com