Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 47Page - NXP Semiconductors FS5502 Datasheet HTML 48Page - NXP Semiconductors FS5502 Datasheet HTML 49Page - NXP Semiconductors FS5502 Datasheet HTML 50Page - NXP Semiconductors FS5502 Datasheet HTML 51Page - NXP Semiconductors FS5502 Datasheet HTML 52Page - NXP Semiconductors FS5502 Datasheet HTML 53Page - NXP Semiconductors FS5502 Datasheet HTML 54Page - NXP Semiconductors FS5502 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Address
Register
Bit
Symbol
Value
Description
VCORE undervoltage filtering time
00
5 μs
01
15 μs
10
25 μs
5 to 4
VCORE_UV_DGLT[1:0]
11
40 μs
VCORE overvoltage filtering time
0
25 μs
3
VCORE_OV_DGLT
1
45 μs
VDDIO undervoltage filtering time
00
5 μs
01
15 μs
10
25 μs
2 to 1
VDDIO_UV_DGLT[1:0]
11
40 μs
VDDIO overvoltage filtering time
0
25 μs
16
OTP_CFG_DGLT_DUR_1
0
VDDIO_OV_DGLT
1
45 μs
VMON1 undervoltage filtering time
00
5 μs
01
15 μs
10
25 μs
2 to 1
VMON1_UV_DGLT[1:0]
11
40 μs
VMON1 overvoltage filtering time
0
25 μs
17
OTP_CFG_DGLT_DUR_2
0
VMON1_OV_DGLT
1
45 μs
Table 60. Fail-safe OTP bit description...continued
13 Best of supply
13.1 Functional description
VBOS regulator manages the best of supply from VSUP and VPRE to efficiently generate
5.0 V output to supply the internal biasing of the device. VBOS is also the supply of
VPRE high side.
VBOS undervoltage might not guarantee the full functionality of the device.
Consequently, VBOS_UVL detection powers down the device.
VSUP_UV7 undervoltage threshold is used to enable the path from VSUP to VBOS when
VSUP < VSUP_UV7 to have a low drop path from VSUP, while VPRE is going low and to
power up the device when VPRE is not started. When VSUP > VSUP_UV7, VBOS is forced
to use VPRE to optimize the efficiency.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
51 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com