Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 77Page - NXP Semiconductors FS5502 Datasheet HTML 78Page - NXP Semiconductors FS5502 Datasheet HTML 79Page - NXP Semiconductors FS5502 Datasheet HTML 80Page - NXP Semiconductors FS5502 Datasheet HTML 81Page - NXP Semiconductors FS5502 Datasheet HTML 82Page - NXP Semiconductors FS5502 Datasheet HTML 83Page - NXP Semiconductors FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
20.4 I2C electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
1.62
1.8
1.98
V
VDDI2C
I2C interface power input
2.97
3.3
3.63
V
FSCL
SCL clock frequency
—
—
3.4
MHz
I2CVIL
SCL, SDA low level input voltage threshold
0.3 x VDDI2C
—
—
V
I2CVIH
SCL, SDA high level input voltage threshold
—
—
0.7 x VDDI2C
V
SDAVOL
Low level output voltage at SDA pin (I = 20 mA)
—
—
0.4
V
CI2C
Input capacitance at SCL / SDA
—
—
10
pF
tSPSCL
SLC pulse width filtering time, when 50 ns filter
selected (fast speed, fast speed plus)
50
—
150
ns
tSPSDA
SDA pulse width filtering time, when 50 ns filter
selected (fast speed, fast speed plus)
50
—
150
ns
tSPHSCL
SLC pulse width filtering time, when 10 ns filter
selected (high speed)
10
—
25
ns
tSPHSDA
SDA pulse width filtering time, when 10 ns filter
selected (high speed)
10
—
25
ns
Table 77. I2C electrical characteristics
21 Maximum ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings could cause a malfunction or permanent damage
to the device.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltage ratings
VSUP1/2
DC voltage
power supply VSUP1,2 pins
−0.3
60
V
WAKE1/2
DC voltage
WAKE1,2 pins; external serial resistor
mandatory
−1.0
60
V
PRE_SW
DC voltage
PRE_SW pin
−2.0
60
V
VMON1, VCOREMON DC voltage
VMON1, VCOREMON pins
−0.3
60
V
PRE_GHS, PRE_
BOOT
DC voltage
PRE_GHS, PRE_BOOT pins
–0.3
65.5
V
DBG
DC voltage
DBG pin
−0.3
10
V
LDO1_IN
DC voltage
LDO1_IN pin
−0.3
6.5
V
BUCKx_IN
DC voltage
BUCK1_IN, BUCK3_IN, BUCK3_INQ
−1.0
5.5
V
BUCKx_IN
Transient voltage < 3 µs
BUCK1_IN, BUCK3_IN, BUCK3_INQ
−1.0
6.5
V
BUCKx_SW
Transient voltage < 20 ns
BUCK1_SW, BUCK3_SW
−2.0
6.5
V
All other pins
DC voltage
at all other pins
−0.3
5.5
V
Current ratings
I_WAKE
Maximum current capability
WAKE1,2
−5.0
5.0
mA
I_SUP
Maximum current capability
VSUP1,2
−5.0
—
mA
Table 78. Maximum ratings
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
81 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com