Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 70Page - NXP Semiconductors FS5502 Datasheet HTML 71Page - NXP Semiconductors FS5502 Datasheet HTML 72Page - NXP Semiconductors FS5502 Datasheet HTML 73Page - NXP Semiconductors FS5502 Datasheet HTML 74Page - NXP Semiconductors FS5502 Datasheet HTML 75Page - NXP Semiconductors FS5502 Datasheet HTML 76Page - NXP Semiconductors FS5502 Datasheet HTML 77Page - NXP Semiconductors FS5502 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
FOUT_MUX_SEL [3:0]
FOUT multiplexer selection
0000 (default)
No signal, FOUT is low
0001
VPRE_clk
0010
RESERVED
0011
BUCK1_clk
0100
RESERVED
0101
BUCK3_clk
0110
FOUT_clk (CLK1 or CLK2 selected with FOUT_
CLK_SEL bit)
0111
OSC_MAIN/48 (when PLL is enabled by OTP)
1000
OSC_FS/48
1001
CLK_FIN_DIV
Others
No signal, FOUT is low
Reset condition
POR
Table 68. FOUT multiplexer selection
18.6 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
20 MHz internal oscillator
F20MHz
Oscillator nominal frequency (programmable)
—
20
—
MHz
F20MHz_ACC
Oscillator accuracy
−6
—
+6
%
T20MHz_step
Oscillator frequency tuning step transition time
—
10
—
μs
Spread spectrum
—
23
—
kHz
FSSMOD
Spread spectrum frequency modulation (MOD_CONF I2C
configuration)
—
94
—
kHz
FSSRANGE
Spread spectrum range (around the nominal frequency)
−5
—
+5
%
Clock synchronization (FIN)
VFIN_IN
Input voltage range
—
VDDI2C
—
V
DCFIN_FOUT
FIN and FOUT duty cycle
40
50
60
%
333
417
500
kHz
FINRANGE
FIN input frequency range (FIN_DIV I2C configuration)
2.25
2.5
2.75
MHz
FINVIL
FIN low voltage threshold
0.3 x VDDI2C
—
—
V
FINVIH
FIN high voltage threshold
—
—
0.7 x VDDI2C
V
FINHYST
FIN hysteresis
0.1
—
—
V
FINIPD
FIN internal pull-down current source
7
10
13
μA
FINDLY
FIN input buffer propagation delay
—
—
8
ns
FINERR_LONG
CLK_FIN_DIV monitoring, long deviation detection
5
—
—
μs
FINERR_SHORT
CLK_FIN_DIV monitoring, short deviation detection
—
—
1.5
μs
FINTLOST
Time to switch to internal oscillator when FIN is lost
—
—
3
μs
Table 69. Electrical characteristics
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
74 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com