Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 145 page
background image
IP175DLF
Datasheet
19/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
Pin description (continued)
Pin No.
Label
Type
Description
External MII port setting
75
P4MII_SNI
IPL
SNI enable for MII0
1: SNI interface
0: MII interface (default).
It is valid only is P4EXT is pulled high and RMII_EN is
pulled low.
It is valid for MII0 only.
51
MII1_DIS
IPL
Disable MII1
1: MII1 is disabled. It is for router application with
one-MAC CPU.
0:.MII1 is enabled. PHY4 is an independent PHY and
can be access through MII1. It is for router application
with two-MAC CPU (default).
It is valid only if P4EXT is pulled high.
Configuration summary
mode
p4ext
mii1
_dis
mii1_phy
_mod
mii2_e
n
p4mii_
sni
rmii_
en
mii0_mac_
mod
mii2_mac_
mod
tb_mii0_
en
MII/RMII0
TBMII/PHY mode
1
X
X
X
0
0
0
X
1
TBMII/MAC mode
1
X
X
X
0
0
1
X
1
MII/ PHY mode
1
X
X
X
0
0
0
X
0
MII/ MAC mode
1
X
X
X
0
0
1
X
0
RMII
1
X
X
X
0
1
X
X
0
SNI/ PHY mode
1
X
X
X
1
0
0
X
0
SNI/ MAC mode
1
X
X
X
1
0
1
X
0
MII/RMII1
MII/ PHY mode
1
0
1
X
X
0
X
X
0
MII/ MAC mode
1
0
0
0
X
0
X
X
0
RMII/PHY mode
1
0
1
X
X
1
X
X
0
RMII/MAC mode
1
0
0
0
X
1
X
X
0
MII/RMII2
MII/ PHY mode
1
0
1
1
X
0
X
0
0
MII/ MAC mode
1
0
1
1
X
0
X
1
0
RMII
1
0
1
1
X
1
X
X
0
Note:
1. RMII_EN takes precedence of P4MII_SNI.
2. In MAC mode application, MII_CLK must be provided before end of chip reset, otherwise must follow
up a software-reset after MII_CLK be provided.
3. In RMII mode application, RMII_CLK must be provided before end of chip reset, otherwise must follow
up a software-reset after RMII_CLK be provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com