Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
IP175DLF
Datasheet
35/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
Pin description
(continued)
Pin No.
Label
Type
Description
LED
92, 91
LED_SEL[1:0]
IPH2
LED output mode selection.
LED_SEL[1:0]=00: LED mode 0,
LED_SEL[1:0]=01: LED mode 1, dual color mode
LED_SEL[1:0]=10: LED mode 2,
LED_SEL[1:0]=11: LED mode 3 (default)
110, 107,
104, 101,
96
LED_LINK[4:0]
O
Link, Activity (output after reset)
LED mode0: 100M Link + Activity (same as mode 2)
LED mode1:
LED mode2, 100M Link + Activity
(1: 100M Link fail, 0: 100M Link ok and no activity, flash: 100M
Link ok and TX/RX activity)
LED mode3: Link + Activity
(1: link fail, 0: link ok, flash: Link ok and TX/ RX activity)
111, 108,
105, 102,
97
LED_SPEED[4:0]
O
Speed (output after reset)
LED mode0: (1: no collision, flash: collision) (note*)
LED mode1:
LED mode2: Full/half: (1: half, 0: full, flash: collision)
LED mode3: (1: speed=10M, 0: speed=100M)
112, 109,
106, 103,
100
LED_FULL[4:0]
O
Full/half, Link (output after reset)
LED mode0, 10M Link + Activity (same as mode 2)
LED mode1, same as mode 3
LED mode2, 10M Link + Activity
(1: 10M Link fail, 0: 10M Link ok and no activity, flash: 10M Link
ok and TX/RX activity)
LED mode3: Full/half: (1: half, 0: full, flash: collision)
Note: LED_SPEED[0] shows collision information for all ports. LED_SPEED[4:1] is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com