Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 95Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 96Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 97Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 98Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 99Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 100Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 101Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 102Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 145 page
background image
IP175DLF
Datasheet
99/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.4.4
MII0, MII1 and MII2 Control Register 1
PHY
MII
ROM
R/W
Description
Default
3[15]
44[7]
R/W P4EXT
1: enable
0: disable (default)
pin 74
(0)
3[14]
--
RO
SMI0_POLLING
1: MII0 MAC mode
0: MII0 PHY mode
1’b0
3[13]
--
RO
SMI1_POLLING
1: MII1 MAC mode
0: MII1 PHY mode
1’b0
3[12]
44[6]
R/W MII1_PHY_MODE
1: MII1 is connected to PHY4.0: MII1 is connected to MAC4.
pin 54
(1)
MII0_MAC_MODE_EN
External MII0 port MAC mode
1: MII0 works as a MAC and should be connected to an
external PHY.
0: MII0 works as a PHY and should be connected to an
external MAC device (default).
This bit does not affect MII1 port.
Default Value
MII2_EN=1
MII2_EN=0
3[11]
44[5]
R/W
0
Pin96 MII0_MAC_MODE (0)
*
MII0_RMII_EN (RMII_EN)
1: MII0 RMII interface enabled
0: MII0 RMII interface disabled (default).
Default Value
P4EXT=1 & RMII_EN=1
Others
3[10]
44[4]
R/W
1
0
pin
53
(0)
MII2_RMII_EN (MII1OR2_RMII_EN)
1: MII2 RMII interface enabled
0: MII2 RMII interface disabled (default).
Default Value
P4EXT=1 & RMII_EN=1 & MII2_EN=1
Others
3[9]
44[3]
R/W
1
0
*
MII1_RMII_EN (PHY4_RMII_EN)
1: MII1 RMII interface enabled
0: MII1 RMII interface disabled (default).
Default Value
P4EXT=1 & RMII_EN=1 & MII1_DIS=0
Others
3[8]
44[2]
R/W
1
0
*
3[7]
44[1]
R/W MII1OR2_MAC_REPEATER
1: external PHY ‘s TXEN does not loop back to CRS (default)
0: external PHY ‘s TXEN loop back to CRS
1’b1
21
3[6]
44[0]
R/W MII0_MAC_REPEATER
1: external PHY ‘s TXEN does not loop back to CRS (default)
0: external PHY ‘s TXEN loop back to CRS
1’b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com