Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 145 page
background image
IP175DLF
Datasheet
52/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
3.10
CPU Interrupt Control for loop detection (for v13 or newer version)
IP175DLF uses interrupt to notify CPU of loop detection status. User can decide interrupt signal is active
high or low. This function can be enabled by programming the corresponding bit in MII registers 21.20[15]
and 21.20[3].
3.11
IGMP Snooping
IP175DLF support IGMP v1 and v2 snooping specified in RFC 1112 and RFC 2236 respectively. Because
IGMP is used between hosts and neighboring multicast routers, IP175DLF listen the IGMP message
communication between router and host to establish multicast group membership. Based on the group
membership information, IP175DLF forwards IP multicast data to its membership which registered in
group table. For hardware IGMP snooping timeout mechanism is provided by applying the hosts silently
leave a specific multicast group. “Silently Leave” means that a host does not respond to query message
when it want to leaves group. Except for hardware IGMP snooping, IP175DLF also support software
IGMP snooping and IGMP snooping with CPU assistance. Software IGMP snooping imply that software
must handle IP multicast traffic which include IGMP packet, IP multicast control packet and IP multicast
data packet and then forward it to proper output port after processing done. For IGMP snooping with CPU
assistance, it separate two parts: hardware supporting and software supporting. In hardware supporting,
the switch directly forward IGMP packets and IP multicast control packets to CPU for further processing.
Then software must process these packets and forward to proper output port. The external CPU also
must maintain the table of multicast group. When IP multicast data packet is received by a port, the switch
forward it according to this table.
IP175DLF supports not only IGMP snooping but also MLD snooping. MLD snooping does not support
hardware MLD snooping. It only supports software MLD and MLD snooping with CPU assistance. For
MLD snooping with CPU assistance, IP175DLF trap MLD packets to CPU for further processing and then
forward these packets to proper ports. CPU shall update the table of multicast group according to MLD
message. When IPv6 multicast packet is coming, it will be forwarded based on this table. For software
MLD snooping IP175DLF traps MLD and IPv6 multicast packet to CPU. CPU shall process these packets
and forward to proper ports.
3.12 Security Filtering
IP175DLF provides flexible security configuration to protect against attacks and filter suspicious traffics.
These packets can be programmed to drop or forward to CPU for further processing. The IP175DLF
provides packet filtering based on physical port, MAC address, logical port and layer 2-4 Multi-Field
packet headers.
3.12.1
Physical Port Filtering
A port can be disabled the forwarding and learning ability respectively. For instance a host connects to a
physical port directly. The security rule is that everyone shall be authenticated by an authenticating server
or administrator if he wants to access network. Administrator (or CPU) can disable forwarding and
learning ability on a given port, if a host is in unauthorized state.
3.12.2
MAC Address Filtering
The feature of MAC address filtering can be configured by two ways: specific MAC address filtering and
unknown MAC address filtering. Specific MAC address filtering allows to drop packets with specific either
source MAC address or destination. Specific MAC address filtering can also drop packet on per VLAN
group. Configuring contexts of the specific MAC address filtering is through “Address Table Access
Register”. Unknown MAC address filtering only allows that packets with registered SMAC (source MAC
address) can access network.
3.12.3
Logical Port Filtering
IP175DLF support discard packets based on logical port. The logical port can define a particular port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com