Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 145 page
background image
IP175DLF
Datasheet
73/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
4.12
MII Register 22 of PHY0~4 (5 PHYs share the MII register)
PHY
MII
ROM
R/W
Description
Default
MDI-MDIX Control register
4~0
22.9
--
RW PHY4 Auto MDI-MDIX Enable
1 = Enable Auto MDI-MDIX
0 = Disable Auto MDI-MDIX
It should be disabled if MII register 4.0.12 Auto-Negotiation is
disabled.
1
4~0
22.8
RW PHY3 Auto MDI-MDIX Enable
1 = Enable Auto MDI-MDIX
0 = Disable Auto MDI-MDIX
It should be disabled if MII register 3.0.12 Auto-Negotiation is
disabled.
1
4~0
22.7
RW PHY2 Auto MDI-MDIX Enable
1 = Enable Auto MDI-MDIX
0 = Disable Auto MDI-MDIX
It should be disabled if MII register 2.0.12 Auto-Negotiation is
disabled.
1
4~0
22.6
RW PHY1 Auto MDI-MDIX Enable
1 = Enable Auto MDI-MDIX
0 = Disable Auto MDI-MDIX
It should be disabled if MII register 1.0.12 Auto-Negotiation is
disabled.
1
4~0
22.5
RW PHY0 Auto MDI-MDIX Enable
1 = Enable Auto MDI-MDIX
0 = Disable Auto MDI-MDIX
It should be disabled if MII register 0.0.12 Auto-Negotiation is
disabled.
1
4~0
22.4
RW PHY4 MDI-MDIX Selection (only available when 22.9 = 0)
1 = MDIX mode
0 = MDI mode
0
4~0
22.3
RW PHY3 MDI-MDIX Selection (only available when 22.8 = 0)
1 = MDIX mode
0 = MDI mode
0
4~0
22.2
RW PHY2 MDI-MDIX Selection (only available when 22.7 = 0)
1 = MDIX mode
0 = MDI mode
0
4~0
22.1
RW PHY1 MDI-MDIX Selection (only available when 22.6 = 0)
1 = MDIX mode
0 = MDI mode
0
4~0
22.0
RW PHY0 MDI-MDIX Selection (only available when 22.5 = 0)
1 = MDIX mode
0 = MDI mode
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com