Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 145 page
background image
IP175DLF
Datasheet
7/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
Feature comparison between IP175C and IP175DLF
Product Name
IP175C
IP175DLF
Process
0.18um
0.16um
Package Type
128pin PQFP
128pin PQFP
Major Block
MAC/6ports+PHY/5ports
MAC/6ports+PHY/5ports
AUTO-MDI-MDIX
Yes
Yes
100M Fiber (100BaseFX)
No (Yes for IP175CH only)
No
Table Size
2K
2K
Hashing Algorithm
2-way Hashing Scheme
4-way Hashing Scheme
Address Type
Individual MAC Address
Individual/Multicast MAC
Address
MAC
Address
Accessible
No
Yes
SVL/IVL
No
Yes
Port-based VLAN
6 VLAN Group
6 VLAN Group
IEEE 802.1Q VLAN
Group
16 VLAN Group
16 VLAN Group
Insert/Remove Tag
Yes
Yes
Ingress Filter
No
Yes
STP
Yes (CPU Assistance)
Yes (CPU Assistance)
RSTP (802.1w)
No
Yes (CPU Assistance)
IEEE802.1Q
MSTP (802.1s)
No
4 MSTP (CPU Assistance)
Port Based
Yes
Yes
VLAN Priority
Yes
Yes
ToS
Yes
Yes
DSCP
Yes
Yes
MAC Address
No
Yes
VID
No
Yes
TCP/UDP port number
No
Yes
Special Tag
No
Yes
Priority
Classification
Multi-Field
No
Yes
Queue Level
2-level Queue
4-level Queue
Policy-based QoS
No (Best Effort)
Yes
VLAN Priority
Remarking
No
Yes
QoS
Scheduling
WRR
WRR/WFQ/SP/BE
Multi-Field Filter
No
Yes
SMAC/DMAC Filter
No
Yes
Firewall
Unknown SMAC Filter
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com