Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 145 page
background image
IP175DLF
Datasheet
64/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
PHY
MII
ROM
R/W
Description
Default
Status register
4~0
1.2
--
RO
LL
Link Status
1 = Link Pass
0 = Link Fail
When read as logic 1, indicates that IP175DLF has determined
a valid link has been established. When read as logic 0,
indicates the link is not valid. This bit is cleared until a valid link
has been established and before reading the contents of this
registers.
0
4~0
1.1
--
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
When read as logic 1, indicates that IP175DLF has detected a
jabber condition. This bit is always 0 for 100Mbps operation
and is cleared after IP175DLF reset. When the duration of
TXEN exceeds the jabber timer (21ms), the transmission and
loop back functions will be disabled and the COL is active. After
TXEN goes low for more than 500 ms, the transmitter will be
re-enabled.
0
4~0
1.0
--
RO
Extended capability
1 = Extended register capabilities
0 = No extended register capabilities
IP175DLF has extended register capabilities.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com