Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 95Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 145 page
background image
IP175DLF
Datasheet
92/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.3.11
Broadcast Storm Protection
PHY
MII
ROM
R/W Description
Default
16[15:14]
RESERVED
BF_STM_EN[5:0]
Broadcast storm enable
1: enable
Drop the incoming packet if the number of queued broadcast
packet is over the threshold. The threshold is defined in MII
register 20.17~20.19
0: disable (default)
Default Value
TEST2=0
TEST2=1
Pin113 MII2_EN=1
Pin113 MII2_EN=0
16[13:8] 20[5:0] R/W
6’h0
Pin102
BF_STM_EN
(6’h0)
6’h0
*
16[7:6]
RESERVED
16[5:0]
21[5:0] R/W BF_FFFF_ONLY[5:0]
Multicast broadcast storm protection disable
1: “Broadcast storm protection” does not include multicast
packets. IP175DLF drops the packets with DA equals to
0xFFFFFFFF only when the broadcast threshold is reached
(default),
0: “Broadcast storm protection” includes multicast packets.
IP175DLF
drops
the
packets
with
DA
equals
to
0xFFFFFFFFF, or multi-cast address when the broadcast
threshold is reached.
“Broadcast storm protection” does not drop packets due to not
learned address.
6’h3f
17[15:8] 23[7:0] R/W BF_STM_THR_1[7:0]
Broadcast storm threshold setting for port 1
8’h08
17[7:0]
22[7:0] R/W BF_STM_THR_0[7:0]
Broadcast storm threshold setting for port 0
Threshold setting range is from 1 to 255 packets/10ms for
100Mbps connection or 1 to 255 packets/100ms for 10Mbps
connection
8’h08
18[15:8] 25[7:0] R/W BF_STM_THR_3[7:0]
Broadcast storm threshold setting for port 3
8’h08
18[7:0]
24[7:0] R/W BF_STM_THR_2[7:0]
Broadcast storm threshold setting for port 2
8’h08
19[15:8] 27[7:0] R/W BF_STM_THR_5[7:0]
Broadcast storm threshold setting for port 5
8’h08
20
19[7:0]
26[7:0] R/W BF_STM_THR_4[7:0]
Broadcast storm threshold setting for port 4
8’h08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com