Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 145 page
background image
IP175DLF
Datasheet
84/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
PHY
MII
ROM
R/W
Description
Default
TRAP_LLDP[1:0]
Link Layer Discovery Protocol
Reserved MAC address is 01:80:C2:00:00:0E
LLDP Data Units (LLDPDUs) encoded with an Ethertype
value of 0x88CC.
00: forward (default)
01: forward to CPU
10: discard
11: reserved
Default Value
P4EXT=1
P4EXT=0
8[9:8]
7[1:0]
R/W
2’b00
Pin_069(2’b00)
0: 2’b00
1: 2’b10
*
TRAP_802P1X[1:0]
IEEE 802.1X Port-Based Network Access Control
Reserved MAC address is 01:80:C2:00:00:03
00: forward (default)
01: forward to CPU
10: discard
11: reserved
Default Value
P4EXT=1
P4EXT=0
8[7:6]
8[7:6]
R/W
2’b00
Pin_069(2’b00)
0: 2’b00
1: 2’b10
*
TRAP_SP[1:0]
IEEE 802 standard protocol – Slow Protocols
Reserved MAC address is 01:80:C2:00:00:02
00: forward (default)
01: forward to CPU
10: discard
11: reserved
Default Value
P4EXT=1
P4EXT=0
8[5:4]
8[5:4]
R/W
2’b00
Pin_069(2’b00)
0: 2’b00
1: 2’b10
*
8[3]
RESERVED
20
8[2]
8[2]
R/W TRAP_PAUSE
Point-to-Point Pause function
Reserved MAC address is 01:80:C2:00:00:01
1: forward
0: discard (default)
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com