Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 145 page
background image
IP175DLF
Datasheet
86/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.3.7.2
Reserved Address 01-80-C2-00-00-20 to 01-80-C2-00-00-FF
PHY
MII
ROM
R/W
Description
Default
9[15:8]
RESERVED
9[7:6]
9[7:6]
R/W TRAP_RSVD_ADDR3[1:0]
Reserved address range 3
Reserved MAC address is from
01:80:C2:00:00:30 to 01:80:C2:00:00:FF
00: forward (default)
01: forward to CPU
10: discard
11: reserved
2’b00
9[5:4]
9[5:4]
R/W TRAP_RSVD_ADDR2[1:0]
Reserved address range 2
Reserved MAC address is from
01:80:C2:00:00:22 to 01:80:C2:00:00:2F
00: forward (default)
01: forward to CPU
10: discard
11: reserved
2’b00
9[3:2]
9[3:2]
R/W TRAP_GVRP[1:0]
GVRP Address: 01-80-C2-00-00-21
00: forward (default)
01: forward to CPU
10: discard
11: reserved
2’b00
20
9[1:0]
9[1:0]
R/W TRAP_GMRP[1:0]
GMRP Address: 01-80-C2-00-00-20
00: forward (default)
01: forward to CPU
10: discard
11: reserved
2’b00
5.3.7.3
Miscellaneous Special Packet Identification
PHY
MII
ROM
R/W
Description
Default
20
10[15:14] 10[7:6] R/W TRAP_ICMP
Internet Control Message Protocol
ICMPv4: TYPE=0x0800 and Protocol=1
ICMPv6: TYPE=0x86DD and Protocol=58
00: forward (default)
01: forward to CPU
10: discard
11: reserved
2’b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com