Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 79Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 145 page
background image
IP175DLF
Datasheet
83/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
PHY
MII
ROM
R/W
Description
Default
7[2]
6[2]
R/W MC_SMC
Filter Frame with multicast source MAC address
1’b0
7[1]
6[1]
R/W NULL_MAC
Filter Frame with null source or destination MAC address
1’b0
7[0]
6[0]
R/W CRC_ERROR
Filter CRC Frame
1’b1
5.3.7
Special Packet Identification
5.3.7.1
Reserved Address 01-80-C2-00-00-00 to 01-80-C2-00-00-1F
PHY
MII
ROM
R/W
Description
Default
8[15:14]
7[7:6]
R/W TRAP_RSVD_ADDR1[1:0]
Reserved address range 1
Reserved MAC address is from
01:80:C2:00:00:11 to 01:80:C2:00:00:1F
00: forward (default)
01: forward to CPU
10: discard
11: reserved
2’b00
8[13:12]
7[5:4]
R/W TRAP_ABM[1:0]
All Bridges Multicast address defined by IEEE 802.1D
Reserved MAC address is 01:80:C2:00:00:10
00: forward (default)
01: forward to CPU
10: discard
11: reserved
2’b00
TRAP_RSVD_ADDR0[1:0]
Reserved address range 0
Reserved MAC address is from
01:80:C2:00:00:04 to 01:80:C2:00:00:0D, 01:80:C2:00:00:0F
00: forward (default)
01: forward to CPU
10: discard
11: reserved
Default Value
P4EXT=1
P4EXT=0
20
8[11:10]
7[3:2]
R/W
2’b00
Pin_069(2’b00)
0: 2’b00
1: 2’b10
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com