Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 145 page
background image
IP175DLF
Datasheet
42/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
MII2 PHY mode
EEPROM
MII register
Pin
Name
Reg
Name
Phy
Reg
MII2 speed
MAC4_F_100
MAC4_FORCE_100
2.6
MAC4_FORCE_100
20
4.14
MII2 duplex
MAC4_F_FULL
MAC4_FORCE_FULL
2.4
MAC4_FORCE_FULL
20
4.12
MII2 pause
--
MAC_X_EN
3.0
MAC_X_EN
20
5.0
MII2 MAC mode: There are two ways to set MII2 speed, duplex and pause.
1. IP175DLF reads the MII registers 0~5 of external PHY through MDC1, MDIO1.
MII2
Speed
Duplex
Pause
1.
IP175DLF polls the external PHY with address defined in MII register
21.2[4:0]. The default address value is 00001.
2.
After reset, IP175DLF writes the speed/duplex/pause capability to the external
PHY using the content of MII register 21.2[12:8].
3.
IP175DLF reads MII register 0~5 of external PHY as MII2 speed, duplex and
pause continuously.
2. Force mode (MDC1 and MDIO1 are not connected to external PHY)
EEPROM
MII register
Pin
Name
Reg
Name
Phy
Reg
MII2 speed
MAC4_F_100
MAC4_FORCE_100
2.6
MAC4_FORCE_100
20
4.14
MII2 duplex
MAC4_F_FULL
MAC4_FORCE_FULL
2.4
MAC4_FORCE_FULL
20
4.12
MII2 pause
--
MAC_X_EN
3.0
MAC_X_EN
20
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com