Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 145 page
background image
IP175DLF
Datasheet
53/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
number or a range port number. If the source’s logical port or the destination’s logical port in the incoming
packet match any of the pre-defined logical ports, the incoming frame will be discarded.
3.12.4
Layer 2-4 Multi-Field Filtering
IP175DLF support discard packets based on a combination of layer 2-4 Multi-Field packet headers.
3.13 IEEE 802.1x
IP175DLF support IEEE 802.1x security. The EAPOL is used by authentication process. EAPOL is
detected by checking destination MAC address defined in 01:80:C2:00:00:03 and then trap to CPU for
further processing. Eventually, CPU determines whether the port configures in authorized state or not.
CPU can also determine whether the requestor is qualified or not based on source MAC address. When
the switch is a VLAN-aware switch, CPU can determine whether the port (or SMAC) is placed in the
authorized state per VLAN.
3.14
Spanning Tree
In IP175DLF spanning tree operation separate into software implement and hardware implement. In
software implement CPU must process BPDU packet and configure the sate of each port. In hardware
implement the switch trap BPDU to CPU. The following table describes how to configure the state of each
port in IP175DLF.
State
Fwd BPDU
packet to CPU
Fwd BPDU packet
from CPU
Address
learning
Fwd all packet
normally
(Forward enable,
Learning enable)
8
Disable
X (note 2)
X (note 2)
X
X
(0,0)
Blocking
O
X (note 3)
X
X
(0,0)
Listening
O
O
X
X
(0,0)
Learning
O
O
O
X
(0,1)
Forwarding
O
O
O
O
(1,1)
Note1: O: enabled, X: disabled
Note2: CPU should not send packets to IP175DLF and should discard packets from IP175DLF.
Note3: CPU should not send packets to IP175DLF.
Table 6 Configuring port state
IP175DLF Support fast aging function for RSTP, User can configure the parameter from MII register
20.14[6:5] and 20.14[4:0].
IP175DLF support 4 multiple spanning tree VLAN table which contains the VLAN-dependent port state.
MSTP allows users to map many VLANs to a spanning tree group, each with its own topology.
3.15
Special Tag
The purpose of special tag is:
-
To allow a frame (IP175DLF to CPU) to carrier ingress port number and violation event.
-
To allow a frame (CPU to switch) to indicate the output port mask and output queue number carrier
in special tag header
The VLAN TPID is represented in two octets, the hexadecimal value 8100. The octets display from left to
right, the left octet is 0x80 and the right octet is 0x00. Special tag information appears in the right octet
whose value is not a zero.
8 The forwarding and learning ability of each port are configured in MII register 20.6. For MSTP the
forwarding and learning ability of each port are configured in MII register 24.0-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com