Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 145 page
background image
IP175DLF
Datasheet
55/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
-
Other: Reserved
2.
Special Tag for TX (From CPU to switch)
Frame direction is from CPU to switch. This function provides for forwarding decision, priority assign and
learning disable. These parameter embedded in special tag header can be set by CPU.
If the CPU transmits packet without Special Tag, the packet will be forwarded according to the mac
address table.
Special Tagged Information
Description
Bit 7
0: Learn Enable
1: Learn Disable
Bit 6-5
Priority Assignment
-
2’b00: Disabled
-
2’b01: Queue 1
-
2’b10: Queue 2
-
2’b11: Queue 3
Bit 4-0
Output Port Mask
-
bit 4: port 4
-
bit 3: port 3
-
bit 2: port 2
-
bit 1: port 1
-
bit 0: port 0
3.16
Loop Detection
A loop detection apparatus and method for IP175D having a loop detection module is configured to detect
a particular port receiving a loop frame indicative of a loop condition occurrence at the port. IP175D
support auto blocking/recover rx/tx traffic of mii0 and loop port.
This function can be enabled by programming the corresponding bit in MII registers 21.20~20.21 and
27.9~27.11.
In detail, please refer to the loop detection application note.
3.17
Serial Mode LED
When MII/RMII2 is enabled, there are no enough pins for LED and IP175DLF sends out LED information
through pin 111 (SCLK) and pin112 (SDATA). It is necessary to use TTL chip to decode and drive LED.
The application circuit is shown below.
IP175DLF supports two types of serial led mode and can be setting by pin112 or MII register 20.24[2]. The
default value is 0 (SERIAL_LED_MODE = 0) and can be setting to 1 by pull up pin112 (4.7K) or writing 1
to MII register 20.24[2].
(SERIAL_LED_MODE=0, IP175DLF supports link, speed, and duplex LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com