Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 145 page
background image
IP175DLF
Datasheet
37/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
3
Function Description
3.1
Flow Control
IP175DLF supports the standard 802.3X flow control frames on both transmit and receive sides. On the
receive side, if IP175DLF receives a pause control frame, the IP175DLF will defer transmitting next
normal frame; on the transmit side, IP175DLF issues pause control frame to remote station when the
output of the destination port is overflowed. The source address (SA) of pause control frame will be
{IP175DLF OUI (0090C3), port number}. For example, the SA of port 1 pause control frame will be “ 00 90
C3 00 00 01”.
When CoS is enabled, IP175DLF may disable the flow control function for a short term to guarantee the
bandwidth of high priority packets. A port disables its flow control function for 2 ~ 3 seconds when it
receives the highest priority packet. It doesn’t transmit pause frame or jam pattern during the period but it
still responses to pause frame or jam pattern.
IP175DLF’s PHY 0~4 MII register 4.10 can not use to set flow control ability for each port. The flow control
function can be only enabled by pulling up pin 100 (X_EN) or by programming MII register 20.5[1].
3.2
Broadcast Storm Protection
A port of IP175DLF begins to drops broadcast packets if the received broadcast packets are more than
the threshold defined in MII register 20.17~20.19 bq_stm_thr_sel [1:0] in 10ms (100Mbps) or 100ms
(10Mbps).
The function can be enabled by pulling high pin 102 (BF_STM_EN) or programming MII register
20.16[13:8].
3.3
Rate Control
The rate control is provided by applying to port rate control, Multi-Field traffic policy and WFQ scheduling.
IP175DLF use token bucket to measure the traffic to against the traffic profile. The traffic profile is a
predefine traffic rate which contain three parameters: timing interval
1, credit size and burst size. User can
configure desired rate from MII register 21.8-12, except for Multi-Field traffic policy. Configuring rate
parameter of Multi-Field traffic policy is from MII register 26.16-17. When the rate has been configured,
the meter measure the traffic and then against its predefined traffic profile. Switch passes in-of-profile
packets and drop (or shape) out-of-profile packets in ingress (or egress).
1 In ingress port rate control and Multi-Field traffic policy, timing interval parameter is fixed to 1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com