Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 145 page
background image
IP175DLF
Datasheet
3.5
Virtual LAN (VLAN)
IP175DLF is a VLAN aware-switch and support two classification rule: port-based VLAN and tag-based
VLAN. Each port can configure its classification rule respectively. In tag-based VLAN the switch supports
up to 16 VLAN groups. Two ingress VLAN rule and egress VLAN rule are provided. The ingress VLAN
rule is used to discard packet that violate this rule. The egress rule checks VLAN member set and
performs the determination of tagging or un-tagging. In learning process the switch supports shared and
independent VLAN learning.
The VLAN table contains a set of match condition and their actions. Entry 0-5 firstly reserved for
port-based VLAN if the corresponding port is set to port-based VLAN. For instance port 0 is set to
port-based VLAN classification and then entry 0 is reserved for port 0. In port-based VLAN the match
condition does not care and it is only used for tag-based VLAN. The context of VLAN table is placed in MII
register 22.11-29 and 23.0-31.
VID
FID
Valid
VLAN_MEMBER
ADD_TAG
REMOVE_TAG
LEARN_DIS
STP_IDX_EN STP_IDX QU_NUM_EN QU_NUM
REW_VLAN_PRI_EN
REW_VLAN_PR
Entry 0
Entry 15
.
.
.
match condition
action
Figure 3-2 VLAN table
3.5.1
Port-based VLAN
If any packet is received by a given port, the switch will perform VLAN table searching. User can use the
VLAN Classification Register to set VLAN classification rule on each port. In port-based VLAN
classification, frame is classified based on the port which it arrive. Once a port configures port-based
VLAN, it will occupy the corresponding VLAN entry.
3.5.2
Tag-based VLAN
In tag-based VLAN classification two modes are provided for applying VLAN classification: using VID to
classify VLAN and using PVID to classify VLAN. Using VID to classify VLAN, VID searching is performed
according to frame’s VID. If any packets carrier no VID information, the VID searching is performed using
PVID. In using PVID to classify VLAN the PVID for a given port is used for VID searching, whether VLAN
tagged or untagged frames are received on this port.
3.5.3
VLAN Ingress Filtering
IP175DLF specify a VLAN ingress rule in MII register 22.1. Any frames received on a port are discarded if
it violates this rule.
3.5.4
Shared and Independent VLAN Learning
The learning process supports shared and independent VLAN learning. In shared VLAN learning rule the
learning information from a VLAN can make used by the others VLANs. In independent VLAN learning
rule the learning information from a VLAN makes use only itself. This standard was specified in IEEE
802.1Q.
3.5.5
The determination of the requirement to insert or remove tag
IP175DLF supports the ability of insertion and removal tag header. User can configure the set of ports that
add or remove tag header for each VLAN through MII register 23.8-23. Table 1 is a combination of frame
type and transmission port type.
45/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com