Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 145 page
background image
IP175DLF
Datasheet
29/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
Pin description (continued)
Pin No.
Label
Type
Description
External RMII2 interface (RMII_EN=1, MII2_EN=1, P4EXT=1)
108, 107
RXD2_0, RXD2_1
I
RMII receive data
It is connected RMII_RXD[1:0] of external PHY or RMII_TXD[1:0]
of external MAC.
104
RXDV2
I
RMII receive data valid
It is connected RMII_RXDV of external PHY or RMII_TXEN of
external MAC.
102,101
TXD2_0, TXD2_1
O
RMII transmit data
It is connected RMII_RXD[1:0] of external MAC or RMII_TXD[1:0]
of external PHY.
96
TXEN2
O
RMII transmit enable
It is connected RMII_RXDV of external MAC or RMII_TXEN of
external PHY.
97
RMII2_CLK_OUT
O
A 50Mhz reference clock output for other RMII devices
109
RMII2_CLK_IN
I
50Mhz RMII reference clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com