Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 145 page
background image
IP175DLF
Datasheet
90/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
PHY
MII
ROM
R/W
Description
Default
13[4]
16[4]
R/W RESERVED
13[3]
16[3]
R/W AT_STR
Address Table Structure
0: 2K Address Table for unicast frame (default)
1: 1K Address Table for unicast frame and 1K Address Table
for multicast frame
Note – We recommend clear address table once this bit is
modified.
pin_42
(0)
13[2]
RESERVED
13[1]
16[1]
R/W IGMP_OVER_VLAN
0 : Disable
1 : Enable
It is valid only for LEARN_CONSTRAIN is enabled
pin_42
(0)
13[0]
16[0]
R/W LEARN_CONSTRAIN
Learning Constraint
0 : VLAN information(FID) is not used to create a hash key
1 : VLAN information(FID) is used to create a hash key
Note – We recommend clear address table once this bit is
modified.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com