Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 145 page
background image
IP175DLF
Datasheet
51/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
-
2’b00: reserved
-
2’b01: discard frame if frame’s SMAC match MAC
address
-
2’b10: ignore VLAN member set
-
2’b11: copy frame to mirror port if frame’s DMAC match
MAC address
21.18[13:10]
PRI_INFO
Priority information: To assign queue number for frames with
match MAC table entry. The information is divided two parts:
match condition and its action.
Match Condition (21.18[13:12]):
-
2’b00: reserved
-
2’b01: match DMAC (Destination MAC Address)
-
2’b10: match SMAC (Source MAC Address)
-
2’b11: match DMAC or SMAC
Action (21.18[11:10]):
-
Assign to Queue 0
-
Assign to Queue 1
-
Assign to Queue 2
-
Assign to Queue 3
21.18[9:6]
FID
4-bit FID
21.18[5:0]
PORT_MAP
Port Map:
-
0x00: discard frame if frame’s DMAC match MAC
address
-
0x01 to 0x3F: destination port map
21.19.0
IGMP
IGMP entry indicator: This bit shall set to one
21.19.1
Valid
Entry is valid
Table 5 Entry content for IP multicast address
3.9.2
Accessing MAC Table
The MAC table can be accessed by through MII register 21.14-19. IP175DLF provides two access
commands: single read and single write. A single read or write transfer only executes a single I/O
operation and user only can access a particular memory address. When a given MAC+FID read from (or
write to) MAC table, the MAC+FID is used to compute hash index for mapping to MAC table.
Single Read
The single read process is described as following steps:
Step 1 – Set hash index in reg 21.14[10:0]
Step 2 – Set single read command in reg 21.14[12:11]
Step 3 – Set START bit in reg 21.14.15 to initiate read command
Step 4 – check DATA_VALID bit in reg 21.14.13 to determine if data is valid. If this bit is set to high, enter
to step 5
Step 5 – read data from data buffer register (reg 21.15-19). User must read data buffer register from reg
21.15 to reg 21.19 in regular order.
Single Write
The single write process is described as following steps:
Step 1 – Write desired data to data buffer register (reg 21.15-19)
Step 2 – Set hash index in reg 21.14[10:0]
Step 3 – Set single write command in reg 21.14[12:11]
Step 4 – Set START bit in reg 21.14.15 to initiate read command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com