Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 95Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 96Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 97Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 98Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 99Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 100Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 145 page
background image
IP175DLF
Datasheet
97/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.4.2
MII0 MAC Mode Register
PHY
MII
ROM
R/W
Description
Default
1[15]
--
RO
MAC_XCTRLEN[0]
Flow control capability of the link partner of external PHY on
MII0
1: link partner supports flow control,
0: link partner does not support flow control
1’b1
1[14]
--
RO
MAC_FORCE[0]
1: MII0’s speed and duplex are forced because IP175DLF finds
external PHY doesn’t support SMI
0: MII0 polls external PHY through SMI to decide its speed and
duplex.
1’b0
1[13]
--
RO
MII0_link
1: link ok, 0: un-link
1’b1
1[12:8]
40[4:0]
R/W Capability of external PHY on MII0
bit12: flow control ability,
bit11: 100M full duplex,
bit10 : 100M half duplex,
bit9 : 10M full duplex,
bit8: 10M half duplex
5’b
11111
1[7]
--
RO
Speed of external PHY on MII0
1: 10M,
0: 100M
1’b0
1[6]
--
RO
Duplex of external PHY on MII0
1: full duplex,
0: half duplex
1’b1
1[5]
--
RO
Link status of external PHY on MII0
1: link on,
0: link off
1’b1
21
1[4:0]
41[4:0]
R/W MII0_MAC_PHY_ADDR[4:0]
5’b
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com