Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 145 page
background image
IP175DLF
Datasheet
48/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
3.6.3
Output Queue Scheduling
IP175DLF support four scheduling modes and list in Table 2.
Mode #
Q3
Q2
Q1
Q0
Mode 0
WRR
WRR
WRR
WRR
Mode 1
WFQ
WFQ
WFQ
WFQ(BE)
Mode 2
SP
WFQ
WFQ
BE
Mode 3
SP
SP
SP
SP
SP: Strictly Priority; WRR: Weight Round Robin; WFQ: Weight Fair Queuing; BE: Best Effort
Table 2 Queue scheduling
SP:
In strictly priority, the packets in a queue will go first till its queue is empty.
WRR:
User can control the number of packet transmission on an output queue by setting its weight.
WFQ:
User can allocate a bandwidth on an output queue by setting its rate. Configuring WFQ bandwidth can be
through MII register 21.8-12.
3.7
Port mirror
There are some circumstances that the network administrator requires to monitor the network status. The
port mirroring function can help the network administrator diagnose the network.
A port mirroring function can be accomplished by assigning a monitored port and a snooping port. The
IP175DLF supports four kinds of monitoring methods: source port, destination port, one port of source
and destination, source-destination pair. This function can be enabled by programming the corresponding
bit in MII registers 20.20~20.21.
In addition to monitor a physical port, it can monitor traffic based on layer 2-4 Multi-Field packet header or
MAC address
3.8
Layer 2-4 Multi-Field Classification
IP175DLF support 8 Multi-Field entries. The Multi-Field table consists of a set of classification rules and
actions. This Multi-Field classification is a combination of one or more layer 2-4 packet header. The
classifier can classify incoming traffic to traffic class and traffic flow. The traffic class is a collection with the
same conditions. For example the classifier aggregates a collection of packet with the same DSCP. Traffic
flow can identify end-to-end traffic flow by using five-tuple (source IP, destination IP, protocol, source port
and destination port).
When packets are received by a port, the switch will search Multi-Field table. If incoming packets match a
predefined Multi-Field entry, the corresponding action is performed. The action consists of six parameters:
drop packet, limits incoming traffic bandwidth, monitor traffic bandwidth, forward to CPU, copy to mirror
port and queue number assignment. It is possible to match multiple entries for an incoming packet and
then the first matching entry is effective.
Each entry includes a counter called Multi-Field counter. This counter is useful for monitoring propose. A
counter keeps track of the number of bytes match predefined Multi-Filed condition. User also can
periodically read a Multi-Field to monitor a specific traffic rate.
3.9
MAC Address Table
P175D support 2K MAC addresses. The address table can configure either 2K unicast address or 1K
unicast address/1K multicast address. The multicast table occupies the MAC table from 0x400 to 0x7FF if
the AT_STR bit (reg 20.13.3) set to high. The MAC table is organized as hash table which consist of 512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com