Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 78Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 79Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 145 page
background image
IP175DLF
Datasheet
82/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.3.5
Port State
PHY
MII
ROM
R/W
Description
Default
FORWARD_EN[5:0]
Frame forwarding capability enable for each port
bit 5
1: enable frame forwarding capability of port 5
0: disable frame forwarding capability of port 5
bit 4
1: enable frame forwarding capability of port 4
0: disable frame forwarding capability of port 4
bit 3
1: enable frame forwarding capability of port 3
0: disable frame forwarding capability of port 3
bit 2
1: enable frame forwarding capability of port 2
0: disable frame forwarding capability of port 2
bit 1
1: enable frame forwarding capability of port 1
0: disable frame forwarding capability of port 1
6[13:8]
4[5:0]
R/W
bit 0
1: enable frame forwarding capability of port 0
0: disable frame forwarding capability of port 0
6’h3F
LEARNING_EN[5:0]
MAC address Learning capability enable for each port
bit 5
1: enable address learning capability of port 5
0: disable address learning capability of port 5
bit 4
1: enable address learning capability of port 4
0: disable address learning capability of port 4
bit 3
1: enable address learning capability of port 3
0: disable address learning capability of port 3
bit 2
1: enable address learning capability of port 2
0: disable address learning capability of port 2
bit 1
1: enable address learning capability of port 1
0: disable address learning capability of port 1
20
6[5:0]
5[5:0]
R/W
bit 0
1: enable address learning capability of port 0
0: disable address learning capability of port 0
6’h3F
5.3.6
Illegal Frame Filter
PHY
MII
ROM
R/W
Description
Default
7[15:5]
RESERVED
LONG_FRM[1:0]
Max forwarded packet length
00: 1536 bytes (default)
01: 1552 bytes
10: 1792 bytes
11: reserved
Default Value
TEST2=0
TEST2=1
P4EXT=1
P4EXT=0
20
7[4:3]
6[4:3]
R/W
2’b00
Pin 066(2’b00)
0: 2’b00
1: 2’b10
2’b00
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com