Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 145 page
background image
IP175DLF
Datasheet
91/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.3.10
Aging Time Parameter
PHY
MII
ROM
R/W
Description
Default
14[15:7]
RESERVED
14[6:5]
17[6:5]
R/W AGE_TIME_UNIT
2’b00 : 1 minutes
2’b01 : 1 second
2’b10 : 10 ms
2’b11 : fast mode. This mode will age out whole table in
1~2 ms. For some special application (ex. RSTP)
need to clear table ASAP.
Independent with AGE_TIME_VLE.
2’b00
AGE_TIME_VLE
Age Time Value.
5’h00: no aging
AGE_TIME= AGE_TIME_UNIT * AGE_TIME_VLE
Default Value
TEST2=0
TEST2=1
Pin74 P4EXT=1
Pin74 P4EXT=0
14[4:0]
17[4:0]
R/W
5’h05
Pin65(5’h05)
5’h05
*
15[15:9]
RESERVED
15[8]
18[3]
R/W PID_EN
If set, the aging module ages entries whose Port ID matches
PID_VAL
1’b0
15[7:5]
18[2:0]
R/W PID_VAL[2:0]
Port ID Value
3’b000 : reserved (default)
3’b001 : port 0
3’b010 : port 1
3’b011 : port 2
3’b100 : port 3
3’b101 : port 4
3’b110 : port 5 (cpu port)
other
: reserved
3’b000
15[4]
19[4]
R/W FID_EN
If set, the aging module ages entries whose FID matches
FID_VAL
0: Disable
1: Enable
1’b0
20
15[3:0]
19[3:0]
R/W FID_VAL[3:0]
FID Value
4’h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com