Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 98Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 99Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 100Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 101Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 102Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 103Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 104Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 105Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 145 page
background image
IP175DLF
Datasheet
102/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
PHY
MII
ROM
R/W
Description
Default
5[2]
46[2]
R/W LRP_NULL_SIP
Learn router port even if source IP address is 0.0.0.0
0:Disable
1:Enable
It is valid only if LEARN_RP is enabled
1’b0
5[1]
46[1]
R/W LEARN_RP
Learn Router Port
0: Disable (default)
1: Enable
pin_42
(0)
5[0]
46[0]
R/W HW_IGMP_EN
Hardware IGMP Enable
0:Disable (default)
1:Enable
pin_42
(0)
5.5.2
Router Port Timeout
PHY
MII
ROM
R/W
Description
Default
ROUTER_TIMEOUT_VLE[7:0]
Router Timeout Value
Router
Timeout
=
ROUTER_TIMEOUT_UNIT
*
ROUTER_TIMEOUT_VLE
Default Value
HW_IGMP_EN=1
HW_IGMP_EN=0
6[15:8] 47[7:0]
R/W
8’h96
8’h00
*
ROUTER_TIMEOUT_UNIT[1:0]
2’b00: 1 second
2’b01: 2 second
2’b10: 4 second
2’b11: 8 second
Default Value
HW_IGMP_EN=1
HW_IGMP_EN=0
6[7:6]
48[7:6]
R/W
2’b01
2’b00
*
21
6[5:0]
48[5:0]
R/W DEFAULT_ROUTER_PORT[5:0]
bit0: port 0
bit1: port 1
bit2: port 2
bit3: port 3
bit4: port 4
bit5: port 5
6’b00000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com