Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 106 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 106 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 102Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 103Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 104Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 105Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 106Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 107Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 108Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 109Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 110Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 145 page
background image
IP175DLF
Datasheet
106/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
PHY
MII
ROM
R/W
Description
Default
18[15:14]
--
R/W
FILTER_INFO
2’b00
18[13:10]
--
R/W
PRI_INFO
4’h0
18[9:6]
--
R/W
FID
4’h0
18[5:0]
--
R/W
PORT_MAP
Note –If PORT_MAP set to all zero, frame’s DMAC matched
this entry is discarded.
6’h0
19[15:2]
RESERVED
19[1]
--
R/W
VALID
Entry is valid.
1’b0
19[0]
--
R/W
IGMP
This bit shall set to 0.
1’b0
5.7.4
Data Buffer Register (For IP Multicast Address)
PHY
MII
ROM
R/W
Description
Default
15[15:0]
--
R/W
MAC_ADDR[15:0]
16’h0000
16[15:14]
--
R/W
TIMEOUT_P2[1:0]
2’b00
16[13:11]
--
R/W
TIMEOUT_P1[2:0]
3’b000
16[10:8]
--
R/W
TIMEOUT_P0[2:0]
3’b000
16[7]
--
R/W
MAC_ADDR[23]
This bit shall be set to 0.
1’b0
16[6:0]
--
R/W
MAC_ADDR[22:16]
7’h0
17[15:10]
RESERVED
17[9:7]
--
R/W
TIMEOUT_P5[2:0]
3’b000
17[6:4]
--
R/W
TIMEOUT_P4[2:0]
3’b000
17[3:1]
--
R/W
TIMEOUT_P3[2:0]
3’b000
17[0]
--
R/W
TIMEOUT_P2[2]
1’b0
18[15:14]
--
R/W
FILTER_INFO
2’b00
18[13:10]
--
R/W
PRI_INFO
4’h0
18[9:6]
--
R/W
FID
4’h0
18[5:0]
--
R/W
PORT_MAP
Note – If PORT_MAP set to all zero, frame’s DMAC matched
this entry is discarded.
6’h0
19[15:2]
RESERVED
19[1]
--
R/W
VALID
Entry is valid.
1’b0
21
19[0]
--
R/W
IGMP
This bit shall set to 1.
1’b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com