Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 106Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 107Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 108Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 109Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 110Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 111Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 112Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 113Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 145 page
background image
IP175DLF
Datasheet
110/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
PHY
MII
ROM
R/W
Description
Default
24[7:2]
54[7:2]
R/W
FLOOD_FRM[5:0]
Flood frame for each port
6’h00
FAST
Fast mode for simulation,
1: Fast mode, 0: normal mode
Default Value
TEST2=0
TEST2=1
24[1]
--
RO
0
Pin 66 FASTMODE (0)
*
21
24[0]
54[0]
R/W ALLPASS
Receive all incoming frame with error.
1’b0
5.10
CRC Counter
PHY
MII
ROM
R/W
Description
Default
25[15:8]
RESERVED
21
25 [7:0]
--
RO
(SC)
CRC_COUNTER[7:0]
CRC counter which accumulates the CRC number of all ports.
Any port received a frame with CRC error will increase this
counter by 1.
Self-clear after read.
8’h00
5.11
VLAN Group Control Register
5.11.1
VLAN Classification
PHY
MII
ROM
R/W
Description
Default
0[15]
--
R/W
(SC)
VLAN_TABLE_CLR
Clear the contents of VLAN TABLE register
1: clear register
0: do nothing (default)
Self-clear after set and register cleared
1’b0
0[14]
RESERVED
0[13:12] 55[7:6]
R/W UNVID_MODE[1:0]
Unknown-VID Mode
2’b00 : discard
2’b01 : forward to CPU
2’b10 : flood packet
2’b11 : reserved
2’b00
22
0[11:6]
55[5:0]
R/W VLAN_CLS[5:0]
VLAN Classification associated with each port
Only active at tagged-based VLAN
0 : use VID to classify VLAN
-use VID to search VLAN table if tag packet
-use PVID to search VLAN table if untag packet
1 : use PVID to classify VLAN
-always use PVID to search VLAN table
6’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com