Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 108 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 108 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 104Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 105Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 106Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 107Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 108Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 109Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 110Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 111Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 112Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 145 page
background image
IP175DLF
Datasheet
108/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.9
Miscellaneous Control Register
PHY
MII
ROM
R/W
Description
Default
22[15]
RESERVED
REDUCE_IPG
This function reduce the IPG by random from 0~20 PPM
1: enable
0: disable
Default Value
Pin 113 MII2_EN=1
Pin 113 MII2_EN=0
22[14]
51[6]
R/W
0
Pin 97(1)
*
22[13]
51[5]
R/W TWOPARTD
Reset the inter-frame-gap counter to zero, if the CRS signal
asserted during the two third of IPG period.
1: enable
0 disable
1’b1
22[12]
51[4]
R/W HP_DIS_FLOW_EN
High priority packet to disable flow control
1: a port will disable its flow control function for 2 sec if it
receives a high priority packet.
0: the function is disabled
1’b0
22[11:10] 51[3:2]
R/W DRIVE[1:0]
Pad driving capability selection
00: 4 mA
01: 8 mA
10: 12 mA
11: 16 mA
2’b01
22[9:8]
RESERVED
22[3]
50[5]
R/W LINK_Q_EN,LINK quality enable
1:enable (default)
0:disable
pin_101
(1)
22[2]
50[4]
R/W TB31_EN
Turbo MII0 31.25MHZ output enable
1: Turbo MII mode (MII0) output 31.25MHZ MIICLK
0: Turbo MII mode (MII0) output 50MHZ MIICLK
1’b0
22[1]
50[3]
R/W STAG_TX_EN
Special tagging for TX enable
1: enable
0: disable
1’b0
21
22[0]
50[2]
R/W STAG_RX_EN
Special tagging for RX enable
1: enable
0: disable
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com