Electronic Components Datasheet Search
  English  ▼

X  

IP175DLF Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 100Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 101Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 102Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 103Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 104Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 105Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 106Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 107Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 145 page
background image
IP175DLF
Datasheet
104/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5.6
Rate Control
5.6.1
Basic Rate Setting Register
PHY
MII
ROM
R/W
Description
Default
8[7]
--
RESERVED
1’b0
8[6:0]
--
R/W BW_TI[6:0]
Rate control time interval.
Only used by egress port and output queue
unit : millisecond
7’h01
9[15:0]
--
R/W BW_MBS[15:0]
Rate control Maximum Burst Size
Expressed in byte.
16’h
0000
21
10[15:0]
--
R/W BW_CREDIT_SIZE[15:0]
Credit size to accumulate the bucket in per time interval.
Expressed in byte.
16’h
0000
5.6.2
Rate Setting Access Control Register
PHY
MII
ROM
R/W
Description
Default
12[2:0]
--
R/W BW_PORT[2:0]
Port number for setting bandwidth rate.
3’h0
12[3]
--
R/W BW_IOE
Bandwidth rate setting is on ingress or egress port
0: ingress port (default)
1: egress port
1’b0
12[5:4]
--
R/W BW_QUEUE[1:0]
Assign the egress output queue number for setting rate control
value
2’b00:egress port (default)
2’b01:queue 1
2’b10:queue 2
2’b11:queue 3
2’b00
12[8]
--
R/W BW_RW
Rate control data read/write signal
0: read rate control data (default)
1: write rate control data
1’b0
21
12[9]
--
R/W
(SC)
BW_RW_START
Indicates start read/write rate control data of a port, when write a
logical “1” to this register.
A self cleared register after read/write data done.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com