Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 298 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 298 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 294Page - Texas Instruments TMS320F Datasheet HTML 295Page - Texas Instruments TMS320F Datasheet HTML 296Page - Texas Instruments TMS320F Datasheet HTML 297Page - Texas Instruments TMS320F Datasheet HTML 298Page - Texas Instruments TMS320F Datasheet HTML 299Page - Texas Instruments TMS320F Datasheet HTML 300Page - Texas Instruments TMS320F Datasheet HTML 301Page - Texas Instruments TMS320F Datasheet HTML 302Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 389 page
background image
Using the Instruction Set Comparison Table
A-2
A.1 Using the Instruction Set Comparison Table
To help you read the comparison table, this section provides an example of a
table entry and a list of acronyms.
A.1.1 An Example of a Table Entry
In cases where more than one syntax is used, the first syntax is usually for di-
rect addressing and the second is usually for indirect addressing. Where three
or more syntaxes are used, the syntaxes are normally specific to a device.
This is how the AND instruction appears in the table:
Syntax
1x
2x
2xx
5x
Description
AND
dma
AND {
ind} [ , next ARP]
AND #
lk [ , shift]
√
√
√
√
√
√
√
√
√
√
AND With Accumulator
TMS320C1x and TMS320C2x devices: AND the
contents of the addressed data-memory location with
the 16 LSBs of the accumulator. The 16 MSBs of the
accumulator are ANDed with 0s.
TMS320C20x and TMS320C5x devices: AND the
contents of the addressed data-memory location or a
16-bit immediate value with the contents of the
accumulator. The 16 MSBs of the accumulator are
ANDed with 0s. If a shift is specified, left shift the
constant before the AND. Low-order bits below and
high-order bits above the shifted value are treated as
0s.
The first column,
Syntax, states the mnemonic and the syntaxes for the AND
instruction.
The checks in the second through the fifth columns,
1x, 2x, 2xx, and 5x, indi-
cate the devices that can be used with each of the syntaxes.
1x
refers to the TMS320C1x devices
2x
refers to the TMS320C2x devices, including TMS320C25
2xx refers to the TMS320C20x devices
5x
refers to the TMS320C5x devices
In this example, you can use the first two syntaxes with TMS320C1x,
TMS320C2x, TMS320C20x, and TMS320C5x devices, but you can use the
last syntax only with TMS320C20x and TMS320C5x devices.
The sixth column,
Description, briefly describes how the instruction functions.
Often, an instruction functions slightly differently for the different devices: read
the entire description before using the instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com