Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 302 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 302 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 298Page - Texas Instruments TMS320F Datasheet HTML 299Page - Texas Instruments TMS320F Datasheet HTML 300Page - Texas Instruments TMS320F Datasheet HTML 301Page - Texas Instruments TMS320F Datasheet HTML 302Page - Texas Instruments TMS320F Datasheet HTML 303Page - Texas Instruments TMS320F Datasheet HTML 304Page - Texas Instruments TMS320F Datasheet HTML 305Page - Texas Instruments TMS320F Datasheet HTML 306Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 389 page
background image
Instruction Set Comparison Table
A-6
A.3 Instruction Set Comparison Table
Syntax
1x
2x
2xx
5x
Description
ABS
√
√
√
√
Absolute Value of Accumulator
If the contents of the accumulator are less than zero,
replace the contents with the 2s complement of the
contents. If the contents are
≥ 0, the accumulator is not
affected.
ADCB
√
Add ACCB to Accumulator With Carry
Add the contents of the ACCB and the value of the
carry bit to the accumulator. If the result of the addition
generates a carry from the accumulator’s MSB, the
carry bit is set to 1.
ADD
dma [, shift]
ADD {
ind} [, shift [, next ARP]]
ADD #
k
ADD #
lk [, shift2]
√
√
√
√
√
√
√
√
√
√
√
√
Add to Accumulator With Shift
TMS320C1x and TMS320C2x devices: Add the
contents of the addressed data-memory location to the
accumulator; if a shift is specified, left shift the contents
of the location before the add. During shifting,
low-order bits are zero filled, and high-order bits are
sign extended.
TMS320C20x and TMS320C5x devices: Add the
contents of the addressed data-memory location or an
immediate value to the accumulator; if a shift is
specified, left shift the data before the add. During
shifting, low-order bits are zero filled, and high-order
bits are sign extended if SXM = 1.
ADDB
√
Add ACCB to Accumulator
Add the contents of the ACCB to the accumulator.
ADDC
dma
ADDC {
ind} [, next ARP]
√
√
√
√
√
√
Add to Accumulator With Carry
Add the contents of the addressed data-memory
location and the carry bit to the accumulator.
ADDH
dma
ADDH {
ind} [, next ARP]
√
√
√
√
√
√
√
√
Add High to Accumulator
Add the contents of the addressed data-memory
location to the 16 MSBs of the accumulator. The LSBs
are not affected. If the result of the addition generates
a carry, the carry bit is set to 1.
TMS320C2x,
TMS320C20x,
and
TMS320C5x
devices: If the result of the addition generates a carry
from the accumulator’s MSB, the carry bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com