Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 304 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 304 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 300Page - Texas Instruments TMS320F Datasheet HTML 301Page - Texas Instruments TMS320F Datasheet HTML 302Page - Texas Instruments TMS320F Datasheet HTML 303Page - Texas Instruments TMS320F Datasheet HTML 304Page - Texas Instruments TMS320F Datasheet HTML 305Page - Texas Instruments TMS320F Datasheet HTML 306Page - Texas Instruments TMS320F Datasheet HTML 307Page - Texas Instruments TMS320F Datasheet HTML 308Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 389 page
background image
Instruction Set Comparison Table
A-8
Syntax
Description
5x
2xx
2x
1x
AND
dma
AND {
ind} [, next ARP]
AND #
lk [, shift]
√
√
√
√
√
√
√
√
√
√
AND With Accumulator
TMS320C1x and TMS320C2x devices: AND the
contents of the addressed data-memory location with
the 16 LSBs of the accumulator. The 16 MSBs of the
accumulator are ANDed with 0s.
TMS320C20x and TMS320C5x devices: AND the
contents of the addressed data-memory location or a
16-bit immediate value with the contents of the
accumulator. The 16 MSBs of the accumulator are
ANDed with 0s. If a shift is specified, left shift the
constant before the AND. Low-order bits below and
high-order bits above the shifted value are treated as
0s.
ANDB
√
AND ACCB to Accumulator
AND the contents of the ACCB to the accumulator.
ANDK #
lk [, shift]
√
√
√
AND Immediate With Accumulator With Shift
AND a 16-bit immediate value with the contents of the
accumulator; if a shift is specified, left shift the constant
before the AND.
APAC
√
√
√
√
Add P Register to Accumulator
Add the contents of the P register to the accumulator.
TMS320C2x,
TMS320C20x,
and
TMS320C5x
devices: Before the add, left shift the contents of the P
register as defined by the PM status bits.
APL [#
lk] ,dma
APL [#
lk, ] {ind} [, next ARP ]
√
√
AND Data-Memory Value With DBMR or Long
Constant
AND the data-memory value with the contents of the
DBMR or a long constant. If a long constant is
specified, it is ANDed with the contents of the
data-memory location. The result is written back into
the data-memory location previously holding the first
operand. If the result is 0, the TC bit is set to 1;
otherwise, the TC bit is cleared.
B
pma
B
pma [, {ind} [, next ARP ]]
√
√
√
Branch Unconditionally
Branch to the specified program-memory address.
TMS320C2x and TMS320C20x devices: Modify the
current AR and ARP as specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com