Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 307 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 307 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 303Page - Texas Instruments TMS320F Datasheet HTML 304Page - Texas Instruments TMS320F Datasheet HTML 305Page - Texas Instruments TMS320F Datasheet HTML 306Page - Texas Instruments TMS320F Datasheet HTML 307Page - Texas Instruments TMS320F Datasheet HTML 308Page - Texas Instruments TMS320F Datasheet HTML 309Page - Texas Instruments TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 389 page
background image
Instruction Set Comparison Table
A-11
TMS320C1x/C2x/C20x/C5x Instruction Set Comparison
Syntax
Description
5x
2xx
2x
1x
BGEZ
pma
BGEZ
pma [, {ind} [, next ARP]]
√
√
√
√
√
Branch if Accumulator
≥ Zero
If the contents of the accumulator
≥ 0, branch to the
specified program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.
BGZ
pma
BGZ
pma [, {ind} [, next ARP]]
√
√
√
√
√
Branch if Accumulator > Zero
If the contents of the accumulator are > 0, branch to the
specified program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.
BIOZ
pma
BIOZ
pma [, {ind} [, next ARP ]]
√
√
√
√
√
Branch on I/O Status = Zero
If the BIO pin is low, branch to the specified
program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.
BIT
dma, bit code
BIT
{
ind}, bit code [, next ARP]
√
√
√
√
√
√
Test Bit
Copy the specified bit of the data-memory value to the
TC bit in ST1.
BITT
dma
BITT {
ind} [, next ARP]
√
√
√
√
√
√
Test Bit Specified by T Register
TMS320C2x and TMS320C20x devices: Copy the
specified bit of the data-memory value to the TC bit in
ST1. The 4 LSBs of the T register specify which bit is
copied.
TMS320C5x devices: Copy the specified bit of the
data-memory value to the TC bit in ST1. The 4 LSBs
of the TREG2 specify which bit is copied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com