Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 310 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 310 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 306Page - Texas Instruments TMS320F Datasheet HTML 307Page - Texas Instruments TMS320F Datasheet HTML 308Page - Texas Instruments TMS320F Datasheet HTML 309Page - Texas Instruments TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments TMS320F Datasheet HTML 312Page - Texas Instruments TMS320F Datasheet HTML 313Page - Texas Instruments TMS320F Datasheet HTML 314Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 389 page
background image
Instruction Set Comparison Table
A-14
Syntax
1x
2x
2xx
5x
Description
BNC
pma [, {ind} [, next ARP]]
√
√
√
Branch on No Carry
If
the
C
bit
=
0,
branch
to
the
specified
program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.
BNV
pma [, {ind} [, next ARP]]
√
√
√
Branch if No Overflow
If the OV flag is clear, branch to the specified
program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.
BNZ
pma
BNZ
pma [, {ind} [, next ARP]]
√
√
√
√
Branch if Accumulator
≠ Zero
If the contents of the accumulator
≠ 0, branch to the
specified program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.
BSAR [
shift]
√
Barrel Shift
In a single cycle, execute a 1- to 16-bit right arithmetic
barrel shift of the accumulator. The sign extension is
determined by the sign-extension mode bit in ST1.
BV
pma
BV
pma [, {ind} [, next ARP]]
√
√
√
√
Branch on Overflow
If the OV flag is set, branch to the specified
program-memory address and clear the OV flag.
TMS320C2x,
TMS320C20x,
and
TMS320C5x
devices: Modify the current AR and ARP as specified.
TMS320C20x and TMS320C5x devices: To modify the
AR and ARP, use the –p porting switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com