Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 308 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 308 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 304Page - Texas Instruments TMS320F Datasheet HTML 305Page - Texas Instruments TMS320F Datasheet HTML 306Page - Texas Instruments TMS320F Datasheet HTML 307Page - Texas Instruments TMS320F Datasheet HTML 308Page - Texas Instruments TMS320F Datasheet HTML 309Page - Texas Instruments TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments TMS320F Datasheet HTML 312Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 389 page
background image
Instruction Set Comparison Table
A-12
Syntax
Description
5x
2xx
2x
1x
BLDD #
lk, dma
BLDD #
lk, {ind} [, next ARP]
BLDD
dma, #lk
BLDD {
ind}, #lk [, next ARP]
BLDD BMAR,
dma
BLDD BMAR, {
ind} [, next ARP]
BLDD
dma BMAR
BLDD {
ind}, BMAR [, next ARP]
√
√
√
√
√
√
√
√
√
√
√
√
Block Move From Data Memory to Data Memory
Copy a block of data memory into data memory. The
block of data memory is pointed to by
src, and the
destination block of data memory is pointed to by
dst.
TMS320C20x devices: The word of the source and/or
the destination space can be pointed to with a long
immediate value or a data-memory address. You can
use the RPT instruction with BLDD to move
consecutive words, pointed to indirectly in data
memory, to a contiguous program-memory space. The
number of words to be moved is 1 greater than the
number contained in the RPTC at the beginning of the
instruction.
TMS320C5x devices: The word of the source and/or
the destination space can be pointed to with a long
immediate value, the contents of the BMAR, or a
data-memory address. You can use the RPT
instruction with BLDD to move consecutive words,
pointed to indirectly in data memory, to a contiguous
program-memory space. The number of words to be
moved is 1 greater than the number contained in the
RPTC at the beginning of the instruction.
BLDP
dma
BLDP {
ind} [, next ARP]
√
√
Block Move From Data Memory to Program
Memory
Copy a block of data memory into program memory
pointed to by the BMAR. You can use the RPT
instruction with BLDP to move consecutive words,
indirectly pointed to in data memory, to a contiguous
program-memory space pointed to by the BMAR.
BLEZ
pma
BLEZ
pma [, {ind} [, next ARP]]
√
√
√
√
√
√
Branch if Accumulator
≤ Zero
If the contents of the accumulator are
≤ 0, branch to the
specified program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com