Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 309 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 309 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 305Page - Texas Instruments TMS320F Datasheet HTML 306Page - Texas Instruments TMS320F Datasheet HTML 307Page - Texas Instruments TMS320F Datasheet HTML 308Page - Texas Instruments TMS320F Datasheet HTML 309Page - Texas Instruments TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments TMS320F Datasheet HTML 312Page - Texas Instruments TMS320F Datasheet HTML 313Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 389 page
background image
Instruction Set Comparison Table
A-13
TMS320C1x/C2x/C20x/C5x Instruction Set Comparison
Syntax
Description
5x
2xx
2x
1x
BLKD
dma1, dma2
BLKD
dma1, {ind} [, next ARP]
√
√
√
√
√
√
Block Move From Data Memory to Data Memory
Move a block of words from one location in data
memory to another location in data memory. Modify the
current AR and ARP as specified. RPT or RPTK must
be used with BLKD, in the indirect addressing mode,
if more than one word is to be moved. The number of
words to be moved is 1 greater than the number
contained in RPTC at the beginning of the instruction.
BLKP
pma, dma
BLKP
pma, {ind} [, next ARP]
√
√
√
√
√
√
Block Move From Program Memory to Data
Memory
Move a block of words from a location in program
memory to a location in data memory. Modify the
current AR and ARP as specified. RPT or RPTK must
be used with BLKD, in the indirect addressing mode,
if more than one word is to be moved. The number of
words to be moved is 1 greater than the number
contained in RPTC at the beginning of the instruction.
BLPD† #
pma, dma
BLPD† #
pma, {ind} [, next ARP]
BLPD† BMAR,
dma
BLPD† BMAR, {
ind} [, next ARP]
√
√
√
√
√
√
Block Move From Program Memory to Data
Memory
Copy a block of program memory into data memory.
The block of program memory is pointed to by
src, and
the destination block of data memory is pointed to by
dst.
TMS320C20x devices: The word of the source space
can be pointed to with a long immediate value. You can
use the RPT instruction with BLPD to move
consecutive words that are pointed at indirectly in data
memory to a contiguous program-memory space.
TMS320C5x devices: The word of the source space
can be pointed to with a long immediate value or the
contents of the BMAR. You can use the RPT instruction
with BLPD to move consecutive words that are pointed
at indirectly in data memory to a contiguous
program-memory space.
BLZ
pma
BLZ
pma [, {ind} [, next ARP]]
√
√
√
√
√
Branch if Accumulator < Zero
If the contents of the accumulator are < 0, branch to the
specified program-memory address.
TMS320C2x devices: Modify the current AR and ARP
as specified.
TMS320C20x and TMS320C5x devices: Modify the
current AR and ARP as specified when the –p porting
switch is used.
† BLDD and BLPD are TMS320C5x and TMS320C20x instructions for the BLKD and BLKP instructions in the TMS320C2x and
TMS320C1 devices. The assembler converts TMS320C2x code to BLKB and BLKP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com