Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 312 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 312 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 308Page - Texas Instruments TMS320F Datasheet HTML 309Page - Texas Instruments TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments TMS320F Datasheet HTML 312Page - Texas Instruments TMS320F Datasheet HTML 313Page - Texas Instruments TMS320F Datasheet HTML 314Page - Texas Instruments TMS320F Datasheet HTML 315Page - Texas Instruments TMS320F Datasheet HTML 316Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 389 page
background image
Instruction Set Comparison Table
A-16
Syntax
Description
5x
2xx
2x
1x
CC
pma, cond1 [, cond2] [, ...]
√
Call Conditionally
If the specified conditions are met, control is passed to
the pma. Not all combinations of conditions are
meaningful.
CC[
D] pma, cond1 [, cond2] [, ...]
√
Call Conditionally With Optional Delay
If the specified conditions are met, control is passed to
the pma. Not all combinations of conditions are
meaningful.
If you specify a delayed branch (CCD), the next two
instruction words (two 1-word instructions or one
2-word instruction) are fetched and executed before
the call.
CLRC
control bit
√
√
Clear Control Bit
Set the specified control bit to a logic 0. Maskable
interrupts are enabled immediately after the CLRC
instruction executes.
CMPL
√
√
√
Complement Accumulator
Complement the contents of the accumulator (1s
complement).
CMPR
CM
√
√
√
Compare Auxiliary Register With AR0
Compare the contents of the current auxiliary register
to AR0, based on the following cases:
If CM = 002, test whether AR(ARP) = AR0.
If CM = 012, test whether AR(ARP) < AR0.
If CM = 102, test whether AR(ARP) > AR0.
If CM = 112, test whether AR(ARP) ≠ AR0.
If the result is true, load a 1 into the TC status bit;
otherwise, load a 0 into the TC bit. The comparison
does not affect the tested registers.
TMS320C5x devices: Compare the contents of the
auxiliary register with the ARCR.
CNFD
√
√
√
Configure Block as Data Memory
Configure on-chip RAM block B0 as data memory.
Block B0 is mapped into data-memory locations
512h–767h.
TMS320C5x devices: Block B0 is mapped into
data-memory locations 512h–1023h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com